Electronic Components Datasheet Search
  English  ▼

X  

EPE6199S Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPE6199S
Description  10 Base-T Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6199S Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPE6199S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPE6199S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSE6199Sb
Rev. -
6/5/97
10 Base-T Interface Module
E L E C T R O N I C S I N C .
EPE6199S
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
The circuit below is a guideline for interconnecting PCA’s EPE6199S with LXT905 10 Base-T PHY chip over UTP cable.
Further details of system design, such as chip pin-out, etc. can be obtained from the specific chip manufacturer.
Typical insertion loss of the isolation transformer is 0.7dB. This parameter covers the entire spectrum of the encoded signals
in 10 Base-T protocols. However, the predistortion resistor network introduces some loss which has to be taken into account
in determining how well your design meets the Standard Template requirements. Additionally, the following need to be
considered while selecting resistor values :
a. Each channel needs 100
Ω termination, thus the Thevenin’s equivalent resistance seen by a channel looking into the
transmit outputs from the chip must be equal to a value close to 100
Ω. The LXT 905 driver output impedances are very low.
. Thus only 11.8
Ω on TPON & TPOP are enough to provide a balanced 25 Ω termination given that turns ratio is 1:2.
Following these guidelines will guarantee that the return loss specifications are satisfied at all extremes of cable impedance
(i.e. 85
Ω to 115Ω) while the module is installed in your system. The receiver channel termination is rather straight forward:
two 50
Ω loads provide the balanced termination to the cable.
b. That the template requirements are satisfied under the worst case Vcc (i.e. 4.5V), will impose a further constraint on
resistor selection, in that they ought to be the minimum derived from the calculations. Users can allow for pads on their PCB
for a shunting resistor across pins 6 and 8 of EPE6199S for more flexibility in setting voltage levels at the outputs.
Note that some systems have auto polarity detection and some do not. If not, be certain to follow the proper polarity.
The pulldown resistors used around the RJ45 connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit the
plane off at least 0.08 inches away from the chip side pins of EPE6199S. There need not be any ground plane beyond this
point.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to achieve
minimum radiation from these traces.
Typical Application Circuit for UTP for one port only.
LXT905
PHY
RJ45*
3
6
2
1
TPIN
TPIP
TPON
TPOP
EPE6199S
TX+
TX-
RX+
RX-
9
8
Notes : * Pin-outs shown are for Hubs and Repeaters.
Chassis
Ground
8
7
45
39
38
2
3
34
33
0.1
µF
X7R
High voltage cap, if used
2KV recommended
0.1
µF
X7R
1
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com