Electronic Components Datasheet Search
  English  ▼

X  

EPE6277AS Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6277AS
Description  Enhanced Common Mode Multiport Module for Switched Hub Transceivers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6277AS Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6277AS Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Enhanced Common Mode Multiport
Module for Switched Hub Transceivers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for TNETE2004 Switched Hub Chip
• Also recommended for Level One LXT901, 915, & 944
• Robust design allows for toughest soldering processes
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Transmit sides are provided with superior Common Mode Attenuation
Schematic
EPE6277AS
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6277AS
Rev. D1
5/6/03
.050
(1.27)
Solder Pad Layout
PCA
EPE6277AS
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.240
(6.09)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.005/.015
(.127/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
2
1CT :
2
1CT :
2
1CT :
Receive Channels
Transmit Channels
17
16
18
24
23
13
15
14
28
27
2
1CT :
7
6
8
34
33
3
5
4
38
37
22
21
19
20
1:1
11
30
29
12
1:1
1
2
40
39
1:1
9
10
32
31
1:1
Pins 25, 26, 35 and 36 not connected.
Return Loss
(dB Min.)
@ 10
MHz
-50/-20
Xmit/Rcv
@ 50
MHz
-40/-20
Xmit/Rcv
@ 100
MHz
-35/-20
Xmit/Rcv
@ 200
MHz
-25/-20
Xmit/Rcv
5-10 MHz
@ 100
Ω
-20
CMRR
(dB Min.)
Inductance
(µH Min.)
150
@ 100 KHz,
0.1 Vrms
1500
Hipot
(Vrms)
Interwinding
Capacitance
(pF Max.)
12
@ 100 KHz,
0.1 Vrms
Leakage
Inductanc
e(µH Max.)
-35
@ 100 KHz,
0.1 Vrms
-15
5-10 MHz
@ 85
Ω, 115Ω
Crosstalk
(dB Min.)
-45
1-10
MHz


Similar Part No. - EPE6277AS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6271S PCA-EPE6271S Datasheet
176Kb / 1P
Miniature 10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPE6271S PCA-EPE6271S Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6272 PCA-EPE6272 Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
10 Base-T Interface Module
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
10 Base-T Interface Module for PCI BUS Applications
More results

Similar Description - EPE6277AS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6271S PCA-EPE6271S Datasheet
176Kb / 1P
Miniature 10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPA2188B PCA-EPA2188B Datasheet
114Kb / 2P
10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPE6115S PCA-EPE6115S Datasheet
37Kb / 1P
10 Base-T Multiport Module with Enhanced Common Mode Attenuation
EPE6307S PCA-EPE6307S Datasheet
252Kb / 1P
Multiport Module for Switched Hub Transceivers
EPE6347S PCA-EPE6347S Datasheet
77Kb / 1P
Enhanced Common Mode Multiport Module for Switched Hub Transceivers
EPE6368S PCA-EPE6368S Datasheet
101Kb / 1P
Enhanced Common Mode Multiport Module for Switched Hub Transceivers
EPF8013GM PCA-EPF8013GM Datasheet
59Kb / 2P
10/100 LAN Module For DP83840A with Enhanced Common Mode Attenuation
EPF8032S PCA-EPF8032S Datasheet
64Kb / 2P
100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPF8038S PCA-EPF8038S Datasheet
39Kb / 1P
100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPG4001CS PCA-EPG4001CS Datasheet
68Kb / 1P
1000Base-T Module with Enhanced Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com