Electronic Components Datasheet Search
  English  ▼

X  

EPF8008 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8008
Description  High Speed LAN Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8008 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8008 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
High Speed LAN Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for 10/100, 100 TX & 155 Mb/S Applications
(Requiring 1:1 Magnetics)
• Robust construction allows for toughest soldering processes
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Guaranteed to operate with 8 mA DC bias at 70°C
• Operating Temperature : 0°C to +70°C
• 1500 Vrms Isolation
Schematic
EPF8008
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8008 Rev. D1
10/4/05 JDG
Insertion Loss
(dB Max.)
1-100 MHz
-1
Return Loss
(dB Min.)
1-100 MHz
-12
Common Mode Rejection
(dB Typ.)
1-50 MHz
-55
OCL
(µH)
@ 8 mA DC Bias
100 KHz, 0.1 Vrms
350 µH
Rise Time
(nS Max.)
25
1
2
3
7
6
5
1:1
100 MHz
-50
Impedance
(
Ω )
100
.025
(.635)
.018/.022
(.457/.559)
.790
(20.07)
.100
(2.54)
.700
(17.78)
.365
(9.27)
.008/.012
(.203/.305)
PCA
EPF8008
Date Code
.125
(3.18)
.190
(4.83)
Pin 1
I.D.
.115
(2.92)
.050 Typ.
(1.27)


Similar Part No. - EPF8008

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8008A PCA-EPF8008A Datasheet
18Kb / 1P
High Speed LAN Interface Module
More results

Similar Description - EPF8008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPF8016 ETC1-EPF8016 Datasheet
30Kb / 2P
High Speed LAN Interface Module
logo
PCA ELECTRONICS INC.
EPF8007M PCA-EPF8007M Datasheet
59Kb / 2P
High Speed LAN Interface Module
EPF8008A PCA-EPF8008A Datasheet
18Kb / 1P
High Speed LAN Interface Module
EPF8012M PCA-EPF8012M Datasheet
32Kb / 1P
High Speed LAN Interface Module
EPF8010GM PCA-EPF8010GM Datasheet
60Kb / 2P
High Speed LAN Interface Module
EPF8016 PCA-EPF8016 Datasheet
34Kb / 2P
High Speed LAN Interface Module
EPF8041 PCA-EPF8041 Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8072G PCA-EPF8072G Datasheet
39Kb / 1P
High Speed LAN Interface Module
EPF8076 PCA-EPF8076 Datasheet
47Kb / 2P
High Speed LAN Interface Module
EPF8087G PCA-EPF8087G Datasheet
60Kb / 2P
High Speed LAN Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com