Electronic Components Datasheet Search
  English  ▼

X  

EPF8016 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8016
Description  High Speed LAN Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8016 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8016 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8016 Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Return Loss
(dB Min.)
-1
1-80
MHz
Xmit
-1
80-100
MHz
Xmit
-3
100-150
MHz
Xmit
-20
1-32
MHz
Xmit
-17
32-62
MHz
Xmit
-12
62-100
MHz
Xmit
50
MHz
-50
Xmit
100
MHz
Xmit
-45
200
MHz
Xmit
-40
Electrical Parameters @ 25° C
High Speed LAN Interface Module
CSF8016a
Rev. 3
9/30/96
• Recommended for 10/100, 100 BX, 155 Mb/s applications •
(requiring 1:1 magnetics)
• Guaranteed to operate with 8 mA DC bias at 70°C •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
Schematic
EPF8016
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
Common Mode Rejection
(dB Min.)
Package
E L E C T R O N I C S I N C .
No pin 4
2
1
5
6
7
3
Dimensions
A
B
C
D
E
F
G
H
I
J
K
Dim.
.790
.190
.355
.700
.015
.100
.018
.008
.065
.150
Min.
.810
.210
.375
Typ.
Typ.
Typ.
.021
.012
Typ.
.160
Max.
.125
Nom.
(Inches)
(Millimeters)
20.07
4.83
9.02
17.78
.381
2.54
.457
.203
1.65
3.81
Min.
20.57.
5.33
9.53
Typ.
Typ.
Typ.
.533
.305
Typ.
4.06
Max.
3.175
Nom.
E
H
A
F
D
C
I
PCA
EPF8016
Date Code
G
B
Pin 1 I.D.
1:1
K
J
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPF8016 ETC1-EPF8016 Datasheet
30Kb / 2P
High Speed LAN Interface Module
More results

Similar Description - EPF8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPF8016 ETC1-EPF8016 Datasheet
30Kb / 2P
High Speed LAN Interface Module
logo
PCA ELECTRONICS INC.
EPF8007M PCA-EPF8007M Datasheet
59Kb / 2P
High Speed LAN Interface Module
EPF8008 PCA-EPF8008 Datasheet
17Kb / 1P
High Speed LAN Interface Module
EPF8008A PCA-EPF8008A Datasheet
18Kb / 1P
High Speed LAN Interface Module
EPF8012M PCA-EPF8012M Datasheet
32Kb / 1P
High Speed LAN Interface Module
EPF8010GM PCA-EPF8010GM Datasheet
60Kb / 2P
High Speed LAN Interface Module
EPF8041 PCA-EPF8041 Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8072G PCA-EPF8072G Datasheet
39Kb / 1P
High Speed LAN Interface Module
EPF8076 PCA-EPF8076 Datasheet
47Kb / 2P
High Speed LAN Interface Module
EPF8087G PCA-EPF8087G Datasheet
60Kb / 2P
High Speed LAN Interface Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com