Electronic Components Datasheet Search
  English  ▼

X  

SD51 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # SD51
Description  SCHOTTKY RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

SD51 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  SD51 Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAINA
60 AMPERE
45 VOLTS
Switch mode Power Rectifier.
employing the Schottky Barrier principle in a large area metal-to-silicon power
diode.State-of-the-art geometry features epitaxial construction with oside
passivation and metal overlap contact. ideally suited for use as rectifiers in
low-voltage, high-frequency inverters, free whelling diodes, and polarity
protection diodes.
•
Extremely Low VF
•
Low Power Loss/High
•
Low Stored Charge, Majority
Efficiency
Carrier Conduction
•
High Surge Capacity
Mechnical Characteristics :
•
Case Welded steel, hermetically seated
•
Finish : All External Surtaces Corrosion Resistant and Terminal
Lead is Readily Solderable
Solder Heat : The excellent heat transfer property of the heavy duty copper
anode terminal which transmits heat away from the die requires that caution be
used when attaching wires.
•
Stud Torque: 15 Ib-in max
SD51
SCHOTTKY RECTIFIER
MAXIMUM RATINGS
Ratings
Symbol
SD51
UNIT
Peak Repetitive Reverse Voltage
VRRM
45
Volts
Working Peak Reverse Voltage
VRWM
PC Blooking Voltage
VR
Nonrepetitive Peak Reverse Voltage
VRSM
54
Volts
Average Rectified Forward Current
IO
60
Amps
VR(equiv)
≤0.2 V
R(dc)..
TC=850C
Ambient Temperature Rated VR(dc). PF(AV)= 0, R
θJA=3.50C/W
TA
90
0C
Nonrepetitive Peak Surge Current
IFSM
800
Amps
(surge applied at rated load conditions, halfwave,
for one cycle
single phase, 60 Hz)
Operating and Storage Junction Temperature Range
TJ,Tstg
-65 TO +150
0
C
(Reverse voltage applied)
Peak Operating Junction Temperature (Forward
TJ(pk)
150
0
C
Current Applied)
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction to case
R
θJC
1.0
0C/W
ELECTRICAL CHARACTERISTICS (TC =250C unless otherwise noted)
Maximum Instantaneous Forward Voltage (IF=30 Amps)
VF
0.58
Volts
( IF=60Amps)
0.66
(IF=120 Amps)
0.86
Maximum Instantaneous Reverse Current @ 250 C
50
ma
@1250 C
125
ma
I


Similar Part No. - SD51

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD51 MICROSEMI-SD51 Datasheet
127Kb / 2P
60 Amp Schottky Rectifier
logo
TRANSYS Electronics Lim...
SD51 TEL-SD51 Datasheet
117Kb / 2P
SCHOTTKY DIODES STUD TYPE 60 A
logo
Naina Semiconductor ltd...
SD51 NAINA-SD51 Datasheet
98Kb / 2P
Schottky Barrier Rectifier Diode
logo
New Jersey Semi-Conduct...
SD51 NJSEMI-SD51 Datasheet
135Kb / 1P
Schottky Rectifiers Single Chip Devices
SD51 NJSEMI-SD51 Datasheet
115Kb / 1P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SD51

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com