Electronic Components Datasheet Search
  English  ▼

X  

EPF8041 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8041
Description  High Speed LAN Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8041 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8041 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DSF8041&G
Rev. -
10/7/96
Schematic
QAF-CS10 8/94
High Speed LAN Interface Module
PCA Part Number(s)
EPF8041 & EPF8041G
Electrical Specifications @ 25°C
Vrms
Isolation
Crosstalk
5-10 MHz
10-100 MHz
30-100 MHz
dB Min.
dB Min.
dB Min.
1-100 MHz
-20
-12
-45
RCV
XMIT
Specification
Parameter
Frequency
Unit
1500 (for 1 minute)
Return Loss
Common Mode Rejection
Between Channels
-20
-12
-30
100 KHz, 0.1V
Notes :
Across 1-2 and 15-16 (See Note 2)
1. @ pins 8-7 ; pins 1-2 terminated with 100
Ω.
@ pins 9-10 ; pins 16-15 terminated with 100
Ω.
2. 8 mA DC Bias
dB Min.
OCL (Specified DC Bias)
µH Min.
(See Note 1)
-40
-40
Return Loss
(See Note 1)
350
350
Features
• Complies with or exceeds IEEE 802.3, 10BT/100BX requirements
• Fully functional with 8 mA DC Bias
• Developed under ISO 9000 provisions
• Construction withstands IR/VP processes
• Optimized for 155 Mbps applications
RD+ 9
RD- 10
CT 11
16 RX+
15 RX-
14 CT
RCV
1:1
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Dim.
.970
.380
.223
.700
.003
.100
.500
.015
.090
0°
.025
Min.
.990
.400
.243
Typ.
.020
Typ.
.520
.021
Typ.
8°
.045
Max.
.560
.030
.100
.092
Nom.
(In Inches)
H
F
A
E
C
B
G
K
PCA
EPF8041G
Date Code
Pin 1 I.D.
P
Pad
Layout
D
L
J
M
N
I
Insertion Loss
1-100 MHz
Under Matched Condition
-1.0
-1.0
dB Max.
Impedance Ratio
100:100 100:100
.300
.125
.150
EPF8041
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TD- 2
TD+ 1
CT 3
7 TX-
6 CT
8 TX+
XMIT
1:1


Similar Part No. - EPF8041

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8044G PCA-EPF8044G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8046G PCA-EPF8046G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8047S PCA-EPF8047S Datasheet
54Kb / 2P
10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
EPF8047SM PCA-EPF8047SM Datasheet
61Kb / 2P
10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
EPF8048G PCA-EPF8048G Datasheet
63Kb / 2P
100 Base-X Interface Module
More results

Similar Description - EPF8041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPF8016 ETC1-EPF8016 Datasheet
30Kb / 2P
High Speed LAN Interface Module
logo
PCA ELECTRONICS INC.
EPF8007M PCA-EPF8007M Datasheet
59Kb / 2P
High Speed LAN Interface Module
EPF8008 PCA-EPF8008 Datasheet
17Kb / 1P
High Speed LAN Interface Module
EPF8008A PCA-EPF8008A Datasheet
18Kb / 1P
High Speed LAN Interface Module
EPF8012M PCA-EPF8012M Datasheet
32Kb / 1P
High Speed LAN Interface Module
EPF8010GM PCA-EPF8010GM Datasheet
60Kb / 2P
High Speed LAN Interface Module
EPF8016 PCA-EPF8016 Datasheet
34Kb / 2P
High Speed LAN Interface Module
EPF8072G PCA-EPF8072G Datasheet
39Kb / 1P
High Speed LAN Interface Module
EPF8076 PCA-EPF8076 Datasheet
47Kb / 2P
High Speed LAN Interface Module
EPF8087G PCA-EPF8087G Datasheet
60Kb / 2P
High Speed LAN Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com