Electronic Components Datasheet Search
  English  ▼

X  

DG441 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG441
Description  Improved, Quad, SPST Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG441 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DG441 Datasheet HTML 1Page - Maxim Integrated Products DG441 Datasheet HTML 2Page - Maxim Integrated Products DG441 Datasheet HTML 3Page - Maxim Integrated Products DG441 Datasheet HTML 4Page - Maxim Integrated Products DG441 Datasheet HTML 5Page - Maxim Integrated Products DG441 Datasheet HTML 6Page - Maxim Integrated Products DG441 Datasheet HTML 7Page - Maxim Integrated Products DG441 Datasheet HTML 8Page - Maxim Integrated Products DG441 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Improved, Quad, SPST Analog Switches
_______________________________________________________________________________________
7
tOFF
0.8 x VOUT
VOUT
0.8 x VOUT
tf < 20ns
tr < 20ns
50%
0V
0V
+3V
SWITCH
OUTPUT
LOGIC INPUT WAVEFORM IS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
tON
SWITCH
INPUT
LOGIC
INPUT
+3V
IN
D
+15V
V+
V-
-15V
RL
35pF
VOUT
S
CL (INCLUDES FIXTURE AND STRAY CAPACITANCE)
GND
REPEAT TEST FOR CHANNELS 2, 3, AND 4.
VOUT = VD
RL
RL + rDS(ON)
LOGIC
INPUT
VD
DG441
DG442
(
)
ΔVOUT
OFF
ON
OFF
VOUT
IN
IN
OFF
OFF
ON
Q =
ΔVOUT × CL
-15V
V-
V+
IN
GND
S
+15V
RGEN
VGEN
VIN = +3V
CL
1nF
VOUT
D
DG441
DG442
DG441
DG442
Figure 2. Switching Time
Figure 3. Charge Injection
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
S
D
GND
RL
10dBm
10nF
V+
+15V
IN
0.8V or 2.4V
V-
-15V
10nF
DG441
DG442
NETWORK
ANALYZER
SIGNAL
GENERATOR
RGEN = 50Ω
0.8V or 2.4V
S
IN1
D
GND
RL
10dBm
10nF
V+
+15V
D
IN2
S
0.8V or 2.4V
50
Ω
V-
-15V
10nF
DG441
DG442
Figure 4. Off-Isolation Rejection Ratio
Figure 5. Crosstalk (repeat for channels 3 and 4)
______________________________________________Timing Diagrams/Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com