Electronic Components Datasheet Search
  English  ▼

X  

EPF8044G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8044G
Description  10/100Base-TX Interface Module for NIC/HUB Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8044G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8044G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module
for NIC/HUB Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for QSI6611/6612 PHY/Mac
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Guaranteed to operate with 8 mA DC Bias at 70°C
Schematic
EPF8044G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8044G
Rev. 1
6/25/03
•
Isolation : 1500 Vrms •
Cable Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk (dB Min.)
Between Channels
-35
10-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
80-100
MHz
-2/-2
Xmit/Rcv
100-150
MHz
-3.5/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-30/-30
100-500
MHz
Xmit/Rcv
-10/-10
60-100
MHz
-10/-10
Xmit/Rcv
5-10
MHz
-35
OCL
(@ 70°C)
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
.510
(12.95)
.035
(.889)
0°-8°
.092
(2.34)
Pad
Layout
.560
(14.22)
.030
(.762)
.100
(2.54)
.980
(24.89)
.390
(9.91)
PCA
EPF8044G
Date Code
Pin 1
I.D.
.700
(17.78)
.090
(2.29)
.016/.022
(.406/.559)
.100
(2.54)
.003/.020
(.076/.508)
.243 Max.
(6.17)
.008/.013
(.203/.330)
1-30
MHz
Xmit/Rcv
-40/-40
Transmit Channel
Receive Channel
7 RX+
RD+ 1
RD- 2
CT 3
6 RX-
5 CT
1:1
TD- 16
TD+ 15
CT 14
11 TX-
12 CT
10 TX+
1.25 : 1


Similar Part No. - EPF8044G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8041 PCA-EPF8041 Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8041G PCA-EPF8041G Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8046G PCA-EPF8046G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8047S PCA-EPF8047S Datasheet
54Kb / 2P
10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
EPF8047SM PCA-EPF8047SM Datasheet
61Kb / 2P
10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
More results

Similar Description - EPF8044G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8119S PCA-EPF8119S Datasheet
29Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8106S PCA-EPF8106S Datasheet
22Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8024G PCA-EPF8024G_09 Datasheet
119Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8051G PCA-EPF8051G Datasheet
25Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8092G PCA-EPF8092G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8100S PCA-EPF8100S Datasheet
26Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8119SER PCA-EPF8119SER Datasheet
23Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119SH PCA-EPF8119SH Datasheet
45Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8122S PCA-EPF8122S Datasheet
47Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8119S PCA-EPF8119S_07 Datasheet
30Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com