Electronic Components Datasheet Search
  English  ▼

X  

EPF8048G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8048G
Description  100 Base-X Interface Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8048G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8048G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8048G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EPF8048G
EPF8048G
Package
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
.970
.380
.223
.700
.003
.100
.500
.016
.008
.090
0
°
.025
Min.
.990
.400
.243
Typ.
.020
Typ.
.520
.022
.012
Typ.
8
°
.045
Max.
.030
.100
.092
.560
Nom.
(Inches)
(Millimeters)
24.64
9.65
5.66
17.78
0.076
2.54
12.7
.406
.203
2.28
0
°
.635
Min.
25.15
10.16
6.17
Typ.
.508
Typ.
13.20
.559
.305
Typ.
8
°
1.14
Max.
.762
2.54
2.34
14.22
Nom.
G
L
K
P
Pad
Layout
Q
M
N
A
B
PCA
EPF8048G
Date Code
Pin 1
I.D.
D
J
HF
E
C
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-40
10-100
MHz
Insertion Loss
(dB Max.)
1-100
MHz
-1
Xmit
Rcv
-1
60-80
MHz
-12
Xmit
Rcv
-12
1-60
MHz
-18
Xmit
Rcv
-18
80-100
MHz
-10
Xmit
Rcv
-10
30-100
MHz
-40
Xmit
Rcv
-40
100-200
MHz
Xmit
-30
Rcv
-30
200-500
MHz
Xmit
-25
Rcv
-25
•
Isolation : 1500 Vrms • Cable Impedance : 100
Ω • Rise Time : 3.0 nS Max. • *Optional •
Electrical Parameters @ 25
° C
100 Base-X Interface Module
CSF8048Ga
Rev. 1
1/7/97
• Optimized to work with ML6692/94 PHY chip •
• Guaranteed to operate with 8 mA DC bias at 70
°C on cable side •
• Complies with or exceeds IEEE 802.3, 100 BX Standards •
• Robust construction allows for most severe soldering processes •
Schematic
OCL
@ 70
°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350
µH
Cable Side
E L E C T R O N I C S I N C .
I
Receive Channel
Transmit Channel
15
16
14
9
12
10
11
1CT:1CT
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
1
2
3
2CT:1CT
8
7
Product performance is limited to specified parameters. Data is subject to change without prior notice.
EPF8048G


Similar Part No. - EPF8048G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8041 PCA-EPF8041 Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8041G PCA-EPF8041G Datasheet
37Kb / 1P
High Speed LAN Interface Module
EPF8044G PCA-EPF8044G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8046G PCA-EPF8046G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8047S PCA-EPF8047S Datasheet
54Kb / 2P
10/100 Base-X Module for ICS 1890 & SSI 78Q2120 Multi-Port Applications
More results

Similar Description - EPF8048G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6251S-1 PCA-EPE6251S-1 Datasheet
38Kb / 1P
10/100 Base-T4 Interface Module
EPA2762 PCA-EPA2762 Datasheet
30Kb / 1P
100 Base X Interface Module
EPE6208S PCA-EPE6208S Datasheet
34Kb / 1P
100 Base-T4 Interface Module
EPE6245S PCA-EPE6245S Datasheet
19Kb / 1P
10/100 Base-T4 Interface Module
EPF8019GM PCA-EPF8019GM Datasheet
59Kb / 2P
100 Base-X Interface Module
EPF8046G PCA-EPF8046G Datasheet
63Kb / 2P
100 Base-X Interface Module
EPF8080S PCA-EPF8080S Datasheet
56Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8081S PCA-EPF8081S Datasheet
56Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8102S PCA-EPF8102S Datasheet
35Kb / 1P
10/100 Base-X Quad-Phyter Module
logo
Bothhand USA, LP.
16ST8513 BOTHHAND-16ST8513 Datasheet
185Kb / 1P
10/100 BASE LAN INTERFACE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com