Electronic Components Datasheet Search
  English  ▼

X  

DS33M33 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS33M33
Description  Ethernet Over SONET/SDH Mapper
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33M33 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS33M33 Datasheet HTML 9Page - Maxim Integrated Products DS33M33 Datasheet HTML 10Page - Maxim Integrated Products DS33M33 Datasheet HTML 11Page - Maxim Integrated Products DS33M33 Datasheet HTML 12Page - Maxim Integrated Products DS33M33 Datasheet HTML 13Page - Maxim Integrated Products DS33M33 Datasheet HTML 14Page - Maxim Integrated Products DS33M33 Datasheet HTML 15Page - Maxim Integrated Products DS33M33 Datasheet HTML 16Page - Maxim Integrated Products DS33M33 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
___________________________________________________ DS33M30/M31/M33 ABRIDGED DATA SHEET
Rev: 111908
13 of 20
1.4.1.4 Trace Identifier Controller
•
Three trace identifier controllers per port for
o
the line/tributary side G.832 trail trace (TR),
o
the system/trunk side G.832 trail trace (TR), and system/trunk side STS-1/VC-3 path trace (J1) in
DS3/E3 mode, or
o
the STS-1 section trace (J0), line/tributary side STS-1 path trace (J1), and system/trunk side STS-
1/VC-3 path trace (J1) in STS-1 mode.
•
A trace identifier controller for each optional VC-4 path trace (J1)
•
Software programmable trace identifier mode: 16-byte trail trace access point or 64-byte path trace
•
Extraction and storage of the incoming trace identifier message in a 64/16-byte receive register
•
Software programmable incoming expected trace identifier message
•
Software programmable outgoing trace identifier message or idle trace identifier message
•
Incoming trace identifier mismatch, unstable, idle, and change indications
•
Insertion of the outgoing trace identifier message from a 64/16-byte transmit register
1.4.1.5 Bit Error Rate Tester (BERT)
•
One BERT per port software programmable for insertion
o
Into DS3/E3 payload toward DS3/E3 Line interface, or
o
Into DS3/E3 payload mapped to STS-1 toward STS-3/STM-1 interface, or
o
Into STS-1 payload toward STS-3/STM-1 interface
•
Generates and detects pseudo-random patterns of length 2n – 1 (n = 1 to 32) and repetitive patterns from
1 to 32 bits in length
•
Supports pattern insertion/extraction in DS3/E3 payload, or entire data stream
•
Supports pattern insertion/extraction in STS-1/VC-3/VC-4 payload, or entire STS-1 SPE/AU-3/AU-4
•
Large 24-bit error and 32-bit bit counters allow testing over long periods without host intervention
•
Errors can be inserted in BERT patterns for diagnostic purposes (single bit errors or specific bit-error rates)
•
Pattern synchronization even in the presence of 10-3 bit error rate
1.4.2 DS3/E3 Ethernet Mapping (DS33M31 and DS33M33 only)
•
Mapping/Demapping of encapsulated Ethernet packets into/out-of the payload of the Add/Drop DS3/E3.
1.4.3 Line DS3/E3 Framer/Formatter (DS33M33 only)
1.4.3.1 Line DS3/E3 Framer
•
Frame synchronization for M23 DS3, C-bit Parity DS3, G.751 E3, and G.832 E3
•
Detection of DS3 loss of signal (LOS), loss of frame (LOF), out of frame (OOF), out of multiframe (OOMF),
severely error frame (SEF), change of frame alignment (COFA), remote defect indication (RDI), alarm
indication signal (AIS), receive unframed all ones, idle signal, DS3 application ID bit, and DS3 format
mismatch
•
Detection of G.751 E3 LOS, LOF, OOF, COFA, remote alarm indication (RAI), and AIS
•
Detection of G.832 E3 LOS, LOF, OOF, COFA, RDI, and AIS
•
Detection and accumulation of F-bit errors, M-bit errors, FAS errors, FA1 and FA2 byte errors, OOF
occurrences, P-bit parity errors, C-bit parity errors, BIP-8 (bit or block basis) errors, far end block errors
(FEBE), and remote error indications (REI)
•
Fully programmable automatic AIS insertion upon detection of LOS, OOF, and/or AIS
•
All DS3/E3 overhead fields are presented on the associated receive DS3/E3 overhead output port
•
Extraction of HDLC data stream from DS3 path maintenance data link (PMDL), G.751 E3 national bit, or
G.832 E3 NR or GC bytes
•
Extraction of FEAC data from DS3 FEAC bit or G.751 E3 alarm bit
•
Extraction of trail trace access point identifier from G.832 E3 TR byte
•
Framer pass-through mode for clear channel applications and externally defined frame formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com