Electronic Components Datasheet Search
  English  ▼

X  

DS80C400 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS80C400
Description  Network Microcontroller
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C400 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS80C400 Datasheet HTML 17Page - Maxim Integrated Products DS80C400 Datasheet HTML 18Page - Maxim Integrated Products DS80C400 Datasheet HTML 19Page - Maxim Integrated Products DS80C400 Datasheet HTML 20Page - Maxim Integrated Products DS80C400 Datasheet HTML 21Page - Maxim Integrated Products DS80C400 Datasheet HTML 22Page - Maxim Integrated Products DS80C400 Datasheet HTML 23Page - Maxim Integrated Products DS80C400 Datasheet HTML 24Page - Maxim Integrated Products DS80C400 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
DS80C400 Network Microcontroller
21 of 97
NONMULTIPLEXED, 9-CYCLE DATA MEMORY
CE0-7 WRITE
OW PIN TIMING CHARACTERISTICS (Note 1)
(VCC3 = 3.0V to 3.6V, VCC1 = 1.8V ±10%, TA = -40°C to +85°C.)
STANDARD
OVERDRIVE
LONGLINE
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
Transmit Reset Pulse Low Time
(Note 2)
tRSTL
500.8
626
50.4
63
500.8
626
s
Transmit Reset Pulse High Time
(Note 2)
tRSTH
508.8
636
59.2
74
508.8
636
s
Wait Time for Transmit of Presence
Pulse (Notes 2, 3)
tPDH
15
60
2
6
15
60
s
Wait Time for Absence of Presence
Pulse (Notes 2, 4)
tPDHCNT
60
75
6.4
8
60
75
s
Presence Pulse Width (Note 2)
tPDL
60
240
8
24
60
240
s
Presence Pulse Sampling Time
(Note 2)
tPDS
24
31
2.4
4
30.4
38
s
Read/Write Data Time Slot
tSLOT
68.8
86
12
15
68.8
86
s
Low Time for Write 1
tLOW1
4.8
6
0.8
1
7.2
9
s
Low Time for Write 0
tLOW0
62.4
78
8
10
62.4
78
s
Write Data Sampling Time
tWDV
15
60
2
6
25
60
s
Read Data Sampling Time
tRDV
12
15
1.6
2
20
25
s
Note 1:
Specifications to -40°C are guaranteed by design and not production tested.
Note 2:
In PMM mode, the master pulls the line low after the first 15
s for the remainder of the standard speed 1-Wire routine.
Note 3:
This parameter quantifies the wait time for the slave devices to respond to the reset pulse and is dependent on the slave device timing.
Note 4:
This parameter quantifies the wait time for the case when no presence pulse detected.
Note 5:
The maximum timing figures shown apply only when an exact 1-Wire clock frequency can be achieved from the microcontroller input
clock
.
PORT 4 –
3
CE0 
PORT 6 –
7
CE4
PORT 4/6 ADDRESS
A16 -A21
A16 -A21
A16 -A21
A16 -A21
PORT 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com