Electronic Components Datasheet Search
  English  ▼

X  

EPF8071S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8071S
Description  100 BX Interface Module for Multi-port Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8071S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8071S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Isolation : 1500 Vrms •
Impedance : 100
Ω •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-1
-2
1-80
MHz
1-30
MHz
-12
-3.5
-18
100
MHz
-10
200
MHz
-38
-35
1-100
MHz
80-100
MHz
100-150
MHz
1-30
MHz
30-60
MHz
60-100
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit Rcv
-35
-25
-1
-2
-12
-3
-18
-10
-38
-30
-25
Electrical Parameters @ 25° C
100 BX Interface Module for
Multi-port Application
CSF8071Sa
Rev. 1
1/16/98
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for DP83840A/DP83223 Chip Set •
• Recommended for use with ICS 1890 Series and SS578Q2120 •
when connected per appropriate schematic
• Guaranteed to operate with 8 mA DC bias at 70°C •
• Complies with or exceeds IEEE 802.3, 100 BX Standards •
Schematic
Transmit Channel
7, 17
6, 16
8, 18
35, 25
34, 24
33, 23
CMT
1CT:1CT
Receive Channel
2, 12
4, 14
3, 13
39, 29
37, 27
38, 28
1CT:1CT
EPF8071S
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
34, 24
E L E C T R O N I C S I N C .
A
B
C
D
E
F
G
H
I
(J)
K
L
M
N
P
Q
Dim.
1.110
.470
.235
.950
.010
.050
.590
.016
.008
.085
0°
.025
Min.
1.130
.490
.255
Typ.
.015
Typ.
.610
.022
.012
Typ.
8°
.045
Max.
.030
.050
.090
.670
Nom.
(Inches)
(Millimeters)
28.19
11.94
5.97
24.13
.254
1.27
14.99
.406
.203
2.16
0°
.635
Min.
28.70
12.45
6.48
Typ.
.381
Typ.
15.49
.559
.305
Typ.
8°
1.14
Max.
.762
1.27
2.29
17.02
Nom.
Dimensions
Package
F
Solder Pad Layout
PCA
EPF8071S
Date Code
B
Q
N
M
P
120
21
40
C
L
I
G
E
D
H
A
K
(J)
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8071S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8072G PCA-EPF8072G Datasheet
39Kb / 1P
High Speed LAN Interface Module
EPF8074G PCA-EPF8074G Datasheet
55Kb / 2P
10/100 LAN Interface Module for PC Card Applications
EPF8075S PCA-EPF8075S Datasheet
33Kb / 1P
100BX Module for Multi-port Applications
EPF8076 PCA-EPF8076 Datasheet
47Kb / 2P
High Speed LAN Interface Module
EPF8077G PCA-EPF8077G Datasheet
123Kb / 2P
10/100 LAN Interface Module for PC Card Applications
More results

Similar Description - EPF8071S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8032S PCA-EPF8032S Datasheet
64Kb / 2P
100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPF8038S PCA-EPF8038S Datasheet
39Kb / 1P
100BX Module for Multi-port Application with Enhanced Common Mode Attenuation
EPF8057SM PCA-EPF8057SM Datasheet
54Kb / 1P
100BX Module for Multi-port Applications
EPF8061SM PCA-EPF8061SM Datasheet
61Kb / 2P
10/100 Base-X Module for Multi-Port Applications
EPF8062S PCA-EPF8062S Datasheet
74Kb / 1P
10/100 Base-X Module for Broadcom BCM5203 Multi-Port Applications
EPF8067S PCA-EPF8067S Datasheet
36Kb / 1P
10/100 Base-X Module for SEEQ 80220 Multi-Port Applications
EPF8075S PCA-EPF8075S Datasheet
33Kb / 1P
100BX Module for Multi-port Applications
EPF8088S PCA-EPF8088S Datasheet
56Kb / 1P
10/100 Base-X Module for Multi-Port Applications
EPF8116S PCA-EPF8116S Datasheet
30Kb / 2P
10/100 Base-X Module for Multi-port Applications
EPF8129S PCA-EPF8129S Datasheet
45Kb / 1P
10/100 Base-X Module for LXT975 Multi-Port Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com