Electronic Components Datasheet Search
  English  ▼

X  

EPF8077G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8077G
Description  10/100 LAN Interface Module for PC Card Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8077G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8077G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8077G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
Isolation : 1500 Vrms • Cable Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-1
-2
1-80
MHz
30-100
MHz
-12
-3.5
-18
200
MHz
-10
500
MHz
-38
-40
10-100
MHz
-40
5-10
MHz
100
MHz
150
MHz
1-30
MHz
60
MHz
100
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit
Rcv
-30
-20
-1
-2
-12
-3
-18
-10
-38
-25
-15
Electrical Parameters @ 25° C
10/100 LAN Interface Module for
PC Card Applications
CSF8077Ga
Rev. -
9/5/97
• Optimized for QSI6611/6612 PHY/MAC •
• Guaranteed to operate with 8 mA DC bias at 70°C on cable side •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
Schematic
Transmit Channel
Receive Channel
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
.790
.510
.078
.600
.003
.100
.660
.016
.008
.090
0°
.025
Min.
.810
.530
.098
Typ.
.020
Typ.
.680
.022
.012
Typ.
8°
.045
Max.
.040
.100
.085
.700
Nom.
(Inches)
(Millimeters)
20.06
12.95
1.98
15.24
0.076
2.54
16.76
.406
.203
2.28
0°
.635
Min.
20.57
13.46
2.49
Typ.
.508
Typ.
17.27
.559
.305
Typ.
8°
1.14
Max.
1.02
2.54
2.16
17.78
Nom.
Package*
EPF8077G
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
G
L
K
P
Pad
Layout
Q
M
N
A
B
PCA
EPF8077G
Date Code
Pin 1
I.D.
J
HF
E
C
D
TD- 5
TD+ 6
CT 7
9 TX-
8 CT
10 TX+
2:1
RD+ 3
RD- 2
CT 1
12 RX+
13 RX-
14 CT
1:1
E L E C T R O N I C S I N C .
I
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
* Pins 4 and 11 are absent.
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8077G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8071S PCA-EPF8071S Datasheet
42Kb / 1P
100 BX Interface Module for Multi-port Application
EPF8072G PCA-EPF8072G Datasheet
39Kb / 1P
High Speed LAN Interface Module
EPF8074G PCA-EPF8074G Datasheet
55Kb / 2P
10/100 LAN Interface Module for PC Card Applications
EPF8075S PCA-EPF8075S Datasheet
33Kb / 1P
100BX Module for Multi-port Applications
EPF8076 PCA-EPF8076 Datasheet
47Kb / 2P
High Speed LAN Interface Module
More results

Similar Description - EPF8077G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8051G PCA-EPF8051G Datasheet
25Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8074G PCA-EPF8074G Datasheet
55Kb / 2P
10/100 LAN Interface Module for PC Card Applications
EPF8112S-1 PCA-EPF8112S-1 Datasheet
41Kb / 1P
10/100 LAN Interface Module for PC Card Applications
EPF8117S PCA-EPF8117S Datasheet
24Kb / 1P
10/100 LAN Interface Module for PC Card Applications
EPF8122S PCA-EPF8122S Datasheet
47Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8132S PCA-EPF8132S Datasheet
47Kb / 1P
10/100 LAN Interface Module for PC Card Applications
EPF8185S PCA-EPF8185S Datasheet
32Kb / 1P
10/100 LAN Interface Module for PC Card Applications
EPF8201G PCA-EPF8201G Datasheet
47Kb / 1P
10/100 LAN Interface Module For PC Card Applications
EPF8211S PCA-EPF8211S Datasheet
30Kb / 1P
10/100 LAN Interface Module for PC Card Applications
EPF8214S PCA-EPF8214S Datasheet
423Kb / 1P
10/100 LAN Interface Module for PC Card Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com