Electronic Components Datasheet Search
  English  ▼

X  

EPF8097G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8097G
Description  10/100 LAN Interface Module with Common Mode Termination
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8097G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8097G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk (dB Min.)
[Between Channels]
Return Loss
(dB Min.)
-1
-2
1-80
MHz
1-30
MHz
-12
-3.5
-18
100
MHz
-10
200
MHz
-38
-35
10-100
MHz
-35
5-10
MHz
80-100
MHz
100-150
MHz
1-30
MHz
30-60
MHz
60-100
MHz
Xmit Rcv Xmit Rcv Xmit Rcv Xmit
Rcv Xmit
Rcv Xmit
Rcv Xmit Rcv Xmit Rcv Xmit
Rcv
-35
-25
-1
-2
-12
-3
-18
-10
-38
-30
-25
Electrical Parameters @ 25° C
10/100 LAN Interface Module with
Common Mode Termination
CSF8097G
Rev. A
2/13/98
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for DP83840A/DP83223 Chip Set •
• Recommended for use with ICS 1890 Series SS578Q2120 •
and National Semiconductor chip when connected per
appropriate schematic
• Guaranteed to operate with 8 mA DC bias at 70°C •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
Schematic
Transmit Channel
TD+ 16
TD- 15
CT 14
11 TX-
12 CT
10 TX+
CMT
1:1
Receive Channel
RD+ 1
RD- 2
CT 3
7 RX+
6 RX-
5 CT
1:1
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
(Inches)
(Millimeters)
EPF8097G
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
12 CT
E L E C T R O N I C S I N C .
.970
.380
.234
.695
.005
.097
.500
.017
.008
.135
0°
.025
Min.
.990
.400
.252
.705
.015
.103
.520
.022
.013
.145
8°
.045
Max.
.980
.390
.244
.700
.010
.100
.510
.020
.011
.140
4°
.035
.030
.100
.092
.560
Nom.
24.64
9.65
5.94
17.65
.127
2.46
12.7
.432
.203
3.43
0°
.635
Min.
25.15
10.16
6.41
17.91
.381
2.62
13.21
.559
.330
3.68
8°
1.14
Max.
24.89
9.91
6.20
17.78
.254
2.54
12.95
.508
.279
3.56
4°
.889
.762
2.54
2.54
14.22
Nom.
Package
G
L
K
P
Pad
Layout
Q
M
N
A
B
PCA
EPF8097G
Date Code
Pin 1
I.D.
D
J
HF
E
C
I
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - EPF8097G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8092G PCA-EPF8092G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8095G PCA-EPF8095G Datasheet
155Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8096G PCA-EPF8096G Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
More results

Similar Description - EPF8097G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8001GM PCA-EPF8001GM Datasheet
54Kb / 2P
10/100 LAN Interface Module with Common Mode Termination
EPF8017GM PCA-EPF8017GM Datasheet
62Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8033GM PCA-EPF8033GM Datasheet
48Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8037 PCA-EPF8037 Datasheet
53Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8104S PCA-EPF8104S Datasheet
32Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8115GE PCA-EPF8115GE Datasheet
39Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8197F2 PCA-EPF8197F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8198F2 PCA-EPF8198F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8199F2 PCA-EPF8199F2 Datasheet
47Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8205G PCA-EPF8205G Datasheet
157Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com