Electronic Components Datasheet Search
  English  ▼

X  

DS1501 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1501 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1501_09 Datasheet HTML 14Page - Maxim Integrated Products DS1501_09 Datasheet HTML 15Page - Maxim Integrated Products DS1501_09 Datasheet HTML 16Page - Maxim Integrated Products DS1501_09 Datasheet HTML 17Page - Maxim Integrated Products DS1501_09 Datasheet HTML 18Page - Maxim Integrated Products DS1501_09 Datasheet HTML 19Page - Maxim Integrated Products DS1501_09 Datasheet HTML 20Page - Maxim Integrated Products DS1501_09 Datasheet HTML 21Page - Maxim Integrated Products DS1501_09 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
21 of 22
TYPICAL OPERATING CIRCUITS
DS1501
CPU
VCC
VCC
VCC
IRQ
RST
GND
X2
X1
VCC
RPU
CRYSTAL
SQW
V
BAT
DQ0–DQ7
RST
WE
OE
V
BAUX
KS
PWR
CE
A0–A4
IRQ
GND
DS1511
CPU
VCC
VCC
VCC
IRQ
RST
GND
VCC
RPU
SQW
DQ0–DQ7
RST
WE
OE
VBAUX
KS
PWR
CE
A0–A4
IRQ
GND
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.
PACKAGE TYPE
DOCUMENT NUMBER
28-pin DIP (600 mils)
21-0044
28-pin SO (300 mils)
21-0042
28-pin TSOP (8mm x 13.4mm)
21-0273
28-pin EDIP (720 mils)
21-0241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com