Electronic Components Datasheet Search
  English  ▼

X  

DS1971 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1971
Description  256-Bit EEPROM iButton®
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1971 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1971 Datasheet HTML 1Page - Maxim Integrated Products DS1971 Datasheet HTML 2Page - Maxim Integrated Products DS1971 Datasheet HTML 3Page - Maxim Integrated Products DS1971 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
19-4734; 7/09
DS1971
256-Bit EEPROM iButton®
www.maxim-ic.com
SPECIAL FEATURES
 256-bit Electrically Erasable Programmable
Read Only Memory (EEPROM)
communicates with the economy of one
signal plus ground
 EEPROM organized as one 256-bit page
 64-bit one-time programmable application
register is automatically write-protected after
programming
 Reduces control, address, data, power, and
programming signals to a single data pin
 8-bit family code specifies DS1971
communications requirements to reader
 Reads and writes over a wide voltage range
of 2.8V to 6.0V from -40°C to +85°C
F3 MicroCan
F5 MicroCan
COMMON iButton FEATURES
 Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
 Multidrop controller for MicroLAN
 Digital identification and information by
momentary contact
 Chip-based data carrier compactly stores
information
 Data can be accessed while affixed to object
 Economically communicates to bus master
with a single digital signal at 16.3kbps
 Standard 16mm diameter and 1-Wire
protocol ensure compatibility with iButton
family
 Button shape is self–aligning with cup-
shaped probes
 Durable stainless steel case engraved with
registration number withstands harsh
environments
 Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
 Presence detector acknowledges when reader
first applies voltage
ORDERING INFORMATION
DS1971-F3+
F3 MicroCan
DS1971-F5+
F5 MicroCan
+Denotes a lead(Pb)-free/RoHS-compliant package.
EXAMPLES OF ACCESSORIES
D
S9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-in Fob
DS9092
iButton Probe
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.


Similar Part No. - DS1971

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS1971-F3 DALLAS-DS1971-F3 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS1971-F5 DALLAS-DS1971-F5 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
More results

Similar Description - DS1971

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
logo
National Semiconductor ...
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
256-/1024-Bit Serial EEPROM
logo
Dallas Semiconductor
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
256-Bit 1-Wire EEPROM
4/10
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
256-Bit 1-Wire EEPROM
Rev 2/12
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com