Electronic Components Datasheet Search
  English  ▼

X  

CC50 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # CC50
Description  Replaces 1 and 2 watt carbon composition resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

CC50 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  CC50 Datasheet HTML 1Page - RHOPOINT COMPONENTS CC50 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rhopoint Components. Hurst Green, Oxted, Surrey RH8 9AX. UK
Sales: +44 (0) 870 608 1188 Fax: +44 (0) 870 241 2255
Email: sales@rhopointcomponents.com
Website: www.rhopointcomponents.com
Call +44 (0) 870 608 1188 or Email technical@rhopointcomponents.com
RESISTORS
Leaded – high pulse energy
FEATURES
• Replaces 1 and 2 watt carbon
composition resistors
• Meets high energy density
demands
• High peak power
• 10% Tolerance
SPECIFICATIONS
Material
Terminals: Pb Free Solder-coated
axial
Coating: UL-94 V0 approved
silicone
Derating: Linear from 100% @
+70°C to 0% @ +200°C
Electrical
Tolerance: ±10% standard
Power Rating: Based on 70°C
free air rating.
Temperature Coefficient:
-1300 ±300ppm/°C
RESISTANCE TO PULSE
The CC50 & CC80 Series of fixed
ceramic resistors are ideal for circuitry
associated with surges, high peak
power or high energy. They offer
enhanced performance in high
voltage power supplies, R-C snubber
circuits, and inrush limiters. The CC50
& CC80 resistors can often replace
carbon composition resistors which
can be difficult to source.
Dimensions in mm
CC50 size
CC80 size
CC50 Series Ceramic composition
CC80 Series Ceramic composition
CC80
CC50
Dimensions in mm
CC50
CC80
CC50
CC80


Similar Part No. - CC50

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CC5003D CALMIRCO-CC5003D Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DA CALMIRCO-CC5003DA Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DAG CALMIRCO-CC5003DAG Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DAGL CALMIRCO-CC5003DAGL Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
CC5003DAGLP CALMIRCO-CC5003DAGLP Datasheet
86Kb / 1P
ISOLATED RESISTOR NETWORK
More results

Similar Description - CC50

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RS1112W2K7JT SHARMA-RS1112W2K7JT Datasheet
496Kb / 6P
THE FIXED CARBON COMPOSITION RESISTORS
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
Carbon Composition Resistors
logo
RCD COMPONENTS INC.
MCF25Z-1R0JB RCD-MCF25Z-1R0JB Datasheet
31Kb / 1P
COMMERCIAL 1/10 to 1/2 WATT CARBON FILM MELF RESISTORS
logo
Token Electronics Indus...
CCR1W120RKP TOKEN-CCR1W120RKP Datasheet
347Kb / 3P
CCR Carbon Composition Resistors
logo
Tyco Electronics
1625875 MACOM-1625875 Datasheet
40Kb / 1P
CARBON COMPOSITION RESISTORS SERIES CBT25
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
List of Unclassifed Man...
RC07GF913J ETC2-RC07GF913J Datasheet
1Mb / 15P
Hot-Molded Carbon Composition Fixed Resistors
logo
MERITEK ELECTRONICS COR...
SRCM MERITEK-SRCM Datasheet
461Kb / 2P
Replaces 1 and 2 watt carbon composition resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
Carbon Composition Resistors
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com