Electronic Components Datasheet Search
  English  ▼

X  

DS2756 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS2756
Description  High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2756 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS2756 Datasheet HTML 15Page - Maxim Integrated Products DS2756 Datasheet HTML 16Page - Maxim Integrated Products DS2756 Datasheet HTML 17Page - Maxim Integrated Products DS2756 Datasheet HTML 18Page - Maxim Integrated Products DS2756 Datasheet HTML 19Page - Maxim Integrated Products DS2756 Datasheet HTML 20Page - Maxim Integrated Products DS2756 Datasheet HTML 21Page - Maxim Integrated Products DS2756 Datasheet HTML 22Page - Maxim Integrated Products DS2756 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DS2756: High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
EEC
—EEPROM Copy Flag. A 1 in this read-only bit indicates that a Copy Data command is in progress. While this
bit is high, writes to EEPROM addresses are ignored. A 0 in this bit indicates that data can be written to unlocked
EEPROM blocks.
LOCK
—EEPROM Lock Enable. When this bit is 0, the Lock command is ignored. Writing a 1 to this bit enables the
Lock command. After the Lock command is executed, the LOCK bit is reset to 0. The factory default is 0.
BL2—
EEPROM Block 2 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 2 (addresses 60h to 7Fh)
is locked (read-only), while a 0 indicates block 1 is unlocked (read/write).
BL1—
EEPROM Block 1 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 1 (addresses 40h to 5Fh)
is locked (read-only), while a 0 indicates block 1 is unlocked (read/write).
BL0—
EEPROM Block 0 Lock Flag. A 1 in this read-only bit indicates that EEPROM block 0 (addresses 20h to 3Fh)
is locked (read-only), while a 0 indicates block 0 is unlocked (read/write).
X
—Reserved Bits.
SPECIAL FEATURE REGISTER
The format of the Special Feature Register is shown in Figure 17. The function of each bit is described in detail in
the following paragraphs.
Figure 17. Special Feature Register Format
Address 08h
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
POR
PIO
X
X
X
IE
X
SNAP
POR—
POR Indicator bit. This bit is set to a 1 when the DS2756 experiences a power-on-reset (POR) event. To
use the POR bit to detect a power-on-reset, the POR bit must be set to a 0 by the host system upon power-up and
after each subsequent occurrence of a POR. This bit is read/write to 0.
PIO—
PIO Pin Sense and Control. See the Programmable I/O section for details on this read/write bit.
IE—
Interrupt Enable. A value of 1 in this bit location enables Alarm Comparator interrupt signaling to the host
system. When IE is 0, Alarm Comparator interrupt signaling is disabled and the alarm comparator registers are
available as SRAM and have no effect on device operation. IE bit is read/write to 1. IE is cleared to 0 by a 1-Wire
RESET on DQ.
SNAP—
Snapshot Control. This bit is set to a 1 immediately after the DS2756 executes a Snapshot conversion
pair. SNAP = 1 indicates that the Current and Voltage registers contain Snapshot results. While SNAP = 1, the
Snapshot results persist in the Current and Voltage registers until the SNAP bit is written to a 0 by the host system.
This bit is read/write to 0.
X
—Reserved Bits.
19 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com