Electronic Components Datasheet Search
  English  ▼

X  

DS2780E/TR Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS2780E/TR
Description  Standalone Fuel Gauge IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2780E/TR Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS2780E/TR Datasheet HTML 17Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 18Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 19Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 20Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 21Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 22Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 23Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 24Page - Maxim Integrated Products DS2780E/TR Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DS2780 Standalone Fuel Gauge IC
21 of 31
the RARC result crosses 4% boundaries. This allows the DS2780 to be located outside the protection FETs. In this
manner, if a protection device is triggered, the DS2780 cannot lose more that 4% of charge or discharge data.
Table 2. MEMORY MAP
ADDRESS (HEX)
DESCRIPTION
READ/WRITE
00
Reserved
R
01
STATUS
- Status Register
R/W
02
RAAC
- Remaining Active Absolute Capacity MSB
R
03
RAAC
- Remaining Active Absolute Capacity LSB
R
04
RSAC
- Remaining Standby Absolute Capacity MSB
R
05
RSAC
- Remaining Standby Absolute Capacity LSB
R
06
RARC
- Remaining Active Relative Capacity
R
07
RSRC
- Remaining Standby Relative Capacity
R
08
IAVG
- Average Current Register MSB
R
09
IAVG
- Average Current Register LSB
R
0A
TEMP
- Temperature Register MSB
R
0B
TEMP
- Temperature Register LSB
R
0C
VOLT
- Voltage Register MSB
R
0D
VOLT
- Voltage Register LSB
R
0E
CURRENT
- Current Register MSB
R
0F
CURRENT
- Current Register LSB
R
10
ACR
- Accumulated Current Register MSB
R/W*
11
ACR
- Accumulated Current Register LSB
R/W *
12
ACRL
– Low Accumulated Current Register MSB
R
13
ACRL
– Low Accumulated Current Register LSB
R
14
AS
- Age Scalar
R/W *
15
SFR
- Special Feature Register
R/W
16
FULL
- Full Capacity MSB
R
17
FULL
- Full Capacity LSB
R
18
AE
- Active Empty MSB
R
19
AE
- Active Empty LSB
R
1A
SE
- Standby Empty MSB
R
1B
SE
- Standby Empty LSB
R
1C to 1E
Reserved
—
1F
EEPROM
- EEPROM Register
R/W
20 to 2F
User EEPROM, Lockable, Block 0
R/W
30 to 5F
Reserved
—
60 to 7F
Parameter EEPROM, Lockable, Block 1
R/W
80 to FF
Reserved
—
* Register value is automatically saved to EEPROM during ACTIVE mode operation and recalled from EEPROM
on power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com