Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS3105_09 Datasheet HTML 17Page - Maxim Integrated Products DS3105_09 Datasheet HTML 18Page - Maxim Integrated Products DS3105_09 Datasheet HTML 19Page - Maxim Integrated Products DS3105_09 Datasheet HTML 20Page - Maxim Integrated Products DS3105_09 Datasheet HTML 21Page - Maxim Integrated Products DS3105_09 Datasheet HTML 22Page - Maxim Integrated Products DS3105_09 Datasheet HTML 23Page - Maxim Integrated Products DS3105_09 Datasheet HTML 24Page - Maxim Integrated Products DS3105_09 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
_____________________________________________________________________________________________ DS3105
19-4628; Rev 3; 5/09
21 of 120
Table 7-3. Default Input Clock Priorities
INPUT CLOCK
T0 DPLL
DEFAULT
PRIORITY
IC3
2
IC4
3
IC5
0 (off)
IC6
0 (off)
IC9
5
7.6.2 Automatic Selection Algorithm
The real-time valid/invalid state of each input clock is maintained in the VALSR1 and VALSR2 registers. The
selected reference can be marked invalid for phase lock, frequency, or activity. Other input clocks can be
invalidated for frequency or activity.
The reference selection algorithm for the T0 DPLL chooses the highest priority valid input clock to be the selected
reference. To select the proper input clock based on these criteria, the selection algorithm maintains a priority table
of valid inputs. The top three entries in this table and the selected reference are displayed in the PTAB1 and
PTAB2 registers. When T4T0 = 0 in the MCR11 register, these registers indicate the highest priority input clocks
for the T0 DPLL. When T4T0 = 1, they have no meaning.
If two or more input clocks are given the same priority number, those inputs are prioritized among themselves using
a fixed circular list. If one equal-priority clock is the selected reference but becomes invalid, the next equal-priority
clock in the list becomes the selected reference. If an equal-priority clock that is not the selected reference
becomes invalid, it is simply skipped over in the circular list. The selection among equal-priority inputs is inherently
nonrevertive, and revertive switching mode (see next paragraph) has no effect in the case where multiple equal-
priority inputs have the highest priority.
An important input to the selection algorithm for the T0 DPLL is the REVERT bit in the MCR3 register. In revertive
mode (REVERT = 1), if an input clock with a higher priority than the selected reference becomes valid, the higher
priority reference immediately becomes the selected reference. In nonrevertive mode (REVERT = 0), the higher
priority reference does not immediately become the selected reference but does become the highest priority
reference in the priority table (REF1 field in the PTAB1 register). (The selection algorithm always switches to the
highest priority valid input when the selected reference goes invalid, regardless of the state of the REVERT bit.) For
many applications, nonrevertive mode is preferred for the T0 DPLL because it minimizes disturbances on the
output clocks due to reference switching.
In nonrevertive mode, planned switchover to a newly valid higher priority input clock can be done manually under
software control. The validation of the new higher priority clock sets the corresponding status bit in the MSR1 or
MSR2 register, which can drive an interrupt request on the INTREQ pin if needed. System software can then
respond to this change of state by briefly enabling revertive mode (toggling REVERT high then back low) to drive
the switchover to the higher priority clock.
7.6.3 Forced Selection
The T0FORCE field in the MCR2 register and the T4FORCE field in the MCR4 register provide a way to force a
specified input clock to be the selected reference for the T0 and T4 DPLLs, respectively. In both T0FORCE and
T4FORCE, values of 0 and 15 specify normal operation with automatic reference selection. Values from 3 to 6 and
9 specify the input clock to be the forced selection; other values will cause no input to be selected. Internally,
forcing is accomplished by giving the specified clock the highest priority (as specified in PTAB1:REF1). In revertive
mode (MCR3:REVERT = 1) the forced clock automatically becomes the selected reference (as specified in
PTAB1:SELREF) as well. In nonrevertive mode (T0 DPLL only) the forced clock only becomes the selected
reference when the existing selected reference is invalidated or made unavailable for selection. In both revertive
and nonrevertive modes when an input is forced to be the highest priority, the normal highest priority input (when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com