Electronic Components Datasheet Search
  English  ▼

X  

DS8313 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS8313
Description  Smart Card Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8313 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS8313 Datasheet HTML 1Page - Maxim Integrated Products DS8313 Datasheet HTML 2Page - Maxim Integrated Products DS8313 Datasheet HTML 3Page - Maxim Integrated Products DS8313 Datasheet HTML 4Page - Maxim Integrated Products DS8313 Datasheet HTML 5Page - Maxim Integrated Products DS8313 Datasheet HTML 6Page - Maxim Integrated Products DS8313 Datasheet HTML 7Page - Maxim Integrated Products DS8313 Datasheet HTML 8Page - Maxim Integrated Products DS8313 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Smart Card Interface
_______________________________________________________________________________________
3
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = +3.3V, VDDA = +5.0V, TA = +25°C, unless otherwise noted. All specifications apply to both the DS8313 and DS8314, unless
otherwise noted in the CONDITIONS column.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLOCK SOURCE
Crystal Frequency
fXTAL
External crystal (Note 1)
0
20
MHz
fXTAL1
(Note 1)
0
20
MHz
VIL_XTAL1
Low-level input on XTAL1
-0.3
0.3 x
VDD
XTAL1 Operating Conditions
VIH_XTAL1
High-level input on XTAL1
0.7 x
VDD
VDD +
0.3
V
External Capacitance for Crystal
CXTAL1,
CXTAL2
15
pF
Internal Oscillator
fINT
2.2
2.7
3.4
MHz
SHUTDOWN TEMPERATURE
Shutdown Temperature
TSD
+150
°C
RST PIN
Output Low Voltage
VOL_RST1
IOL_RST = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
IOL_RST1
VOL_RST = 0
0
-1
mA
Output Low Voltage
VOL_RST2
IOL_RST = 200μA
0
0.3
V
Output High
Voltage
VOH_RST2
IOH_RST = -200μA
VCC -
0.5
VCC
V
Rise Time
tR_RST
CL = 30pF (Note 1)
0.1
μs
Fall Time
tF_RST
CL = 30pF (Note 1)
0.1
μs
Current Limitation
IRST(LIMIT)
-20
+20
mA
Card-Active Mode
RSTIN to RST Delay
tD(RSTIN-RST)
2
μs
CLK PIN
Output Low Voltage
VOL_CLK1
IOLCLK = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
IOL_CLK1
VOLCLK = 0
0
-1
mA
Output Low Voltage
VOL_CLK2
IOLCLK = 200μA
0
0.3
V
Output High
Voltage
VOH_CLK2
IOHCLK = -200μA
VCC -
0.5
VCC
V
Rise Time
tR_CLK
CL = 30pF (Notes 1, 4)
8
ns
Fall Time
tF_CLK
CL = 30pF (Notes 1, 4)
8
ns
Current Limitation
ICLK(LIMIT)
-70
+70
mA
Clock Frequency
fCLK
Operational
0
10
MHz
Duty Factor
CL = 30pF
45
55
%
Card-Active Mode
Slew Rate
SR
CL = 30pF (Note 1)
0.2
V/ns
VCC PIN
Output Low Voltage
VCC1
ICC = 1mA
0
0.3
V
Card-Inactive Mode
Output Current
ICC1
VCC = 0
0
-1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com