Electronic Components Datasheet Search
  English  ▼

X  

MAX148 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX148
Description  2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX148 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX148_09 Datasheet HTML 15Page - Maxim Integrated Products MAX148_09 Datasheet HTML 16Page - Maxim Integrated Products MAX148_09 Datasheet HTML 17Page - Maxim Integrated Products MAX148_09 Datasheet HTML 18Page - Maxim Integrated Products MAX148_09 Datasheet HTML 19Page - Maxim Integrated Products MAX148_09 Datasheet HTML 20Page - Maxim Integrated Products MAX148_09 Datasheet HTML 21Page - Maxim Integrated Products MAX148_09 Datasheet HTML 22Page - Maxim Integrated Products MAX148_09 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
8-string WLED Driver with Integrated Step-up
Regulator and SMBus/PWM Dimming Capability
______________________________________________________________________________________ 21
High-Speed Digital Interfacing with QSPI
The MAX148/MAX149 can interface with QSPI using the
circuit in Figure 20 (fSCLK = 2.0MHz, CPOL = 0, CPHA =
0). This QSPI circuit can be programmed to do a conver-
sion on each of the eight channels. The result is stored
in memory without taxing the CPU, since QSPI incorpo-
rates its own microsequencer.
The MAX148/MAX149 are QSPI compatible up to the
maximum external clock frequency of 2MHz.
TMS320LC3x Interface
Figure 21 shows an application circuit to interface the
MAX148/MAX149 to the TMS320 in external clock mode.
The timing diagram for this interface circuit is shown in
Figure 22.
Use the following steps to initiate a conversion in the
MAX148/MAX149 and to read the results:
1) The TMS320 should be configured with CLKX (trans-
mit clock) as an active-high output clock and CLKR
(TMS320 receive clock) as an active-high input
clock. CLKX and CLKR on the TMS320 are tied
together with the MAX148/MAX149’s SCLK input.
2) The MAX148/MAX149’s CS pin is driven low by the
TMS320’s XF_ I/O port to enable data to be clocked
into the MAX148/MAX149’s DIN.
3) An 8-bit word (1XXXXX11) should be written to the
MAX148/MAX149 to initiate a conversion and place
the device into external clock mode. See Table 1 to
select the proper XXXXX bit values for your specific
application.
4) The MAX148/MAX149’s SSTRB output is monitored
through the TMS320’s FSR input. A falling edge on
the SSTRB output indicates that the conversion is in
progress and data is ready to be received from the
MAX148/MAX149.
5) The TMS320 reads in one data bit on each of the
next 16 rising edges of SCLK. These data bits rep-
resent the 10 + 2-bit conversion result followed by 4
trailing bits, which should be ignored.
6) Pull CS high to disable the MAX148/MAX149 until
the next conversion is initiated.
Figure 22. TMS320 Serial-Interface Timing Diagram
SCLK
DIN
SSTRB
DOUT
START
SEL2
SEL1
SEL0
UNI/BIP
SGL/DIF
PD1
PD0
MSB
B8
S1
S0
HIGH
IMPEDANCE
HIGH
IMPEDANCE
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com