Electronic Components Datasheet Search
  English  ▼

X  

MAX713C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX713C/D
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX713C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX713C/D Datasheet HTML 1Page - Maxim Integrated Products MAX713C/D Datasheet HTML 2Page - Maxim Integrated Products MAX713C/D Datasheet HTML 3Page - Maxim Integrated Products MAX713C/D Datasheet HTML 4Page - Maxim Integrated Products MAX713C/D Datasheet HTML 5Page - Maxim Integrated Products MAX713C/D Datasheet HTML 6Page - Maxim Integrated Products MAX713C/D Datasheet HTML 7Page - Maxim Integrated Products MAX713C/D Datasheet HTML 8Page - Maxim Integrated Products MAX713C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
90
MAX713
NiMH BATTERY CHARGING
CHARACTERISTICS AT C RATE
CHARGE TIME (MINUTES)
030
60
V
T
MAX712/13 toc07
ΔV
Δt
CUTOFF
1.60
1.45
1.55
1.50
40
25
35
30
150
MAX713
NiMH BATTERY CHARGING
CHARACTERISTICS AT C/2 RATE
1.55
1.40
050
1.50
1.45
40
25
35
30
V
T
ΔV
Δt
CUTOFF
CHARGE TIME (MINUTES)
100
MAX712/13 toc09
1.40
0
MAX713
NiCd BATTERY-CHARGING
CHARACTERISTICS AT C/2 RATE
1.45
CHARGE TIME (MINUTES)
1.50
25
30
35
50
150
100
ΔV
Δt
CUTOFF
V
T
MAX712/13 toc08
15
20
MAX713
CHARGING CHARACTERISTICS OF A
FULLY-CHARGED NiMH BATTERY
1.60
CHARGE TIME (MINUTES)
1.45
1.65
05
1.55
1.50
40
25
35
30
10
V
T
ΔV
Δt
CUTOFF
5 MINUTE REST
BETWEEN CHARGES
MAX712/13 toc10
1.45
0
MAX713
CHARGING CHARACTERISTICS OF A
FULLY CHARGED NiMH BATTERY
1.50
CHARGE TIME (MINUTES)
1.60
1.65
1.55
25
30
40
35
515
10
5-HOUR REST
BETWEEN CHARGES
ΔV
Δt
CUTOFF
V
T
20
MAX712/13 toc11
90
MAX713
NiCd BATTERY CHARGING
CHARACTERISTICS AT C RATE
1.55
CHARGE TIME (MINUTES)
1.40
030
1.50
1.45
40
25
35
30
60
V
T
ΔV
Δt
CUTOFF
MAX712/13 toc06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com