Electronic Components Datasheet Search
  English  ▼

X  

EPF8116S Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPF8116S
Description  10/100 Base-X Module for Multi-port Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8116S Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPF8116S Datasheet HTML 1Page - PCA ELECTRONICS INC. EPF8116S Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSF8116Sb
Rev. 1
4/17/98
10/100 Base-X Module for
Multi-Port Applications
EPF8116S
E L E C T R O N I C S I N C .
The circuit below is a guideline for interconnecting PCA’s EPF8116S with Level One LXT980, LXT974 and LXT975 chips for
10/100 Mb/s applications. Further details can be obtained from the chip manufacturer application notes.
Typical insertion loss of the isolation transformer is 0.5dB. This parameter covers the entire spectrum of the encoded
signals in 10/100 protocols. Under terminated conditions, to transmit a 2V pk-pk signal across the cable, you must adjust
the chips supporting resistor to get at least 2.12V pk-pk across the transmit pins.
Primary side center taps can be returned to the chip side ground plane; but more often than not, if the ground plane is itself
noisy, field experience has shown that it may worsen EMI situation. It is perhaps wiser to carefully lay the system borad
so that substantial gain in EMI suppression is obtained from the so called “common mode termination” on the cable side as
shown below. In any event, this configuration has been known to be quite successful in the field in EMI containment for
similar applications.
The phantom resistors shown around the connector have been known to suppress unwanted radiation that unused wires
pick up from the immediate environment. Their placement and use are to be considered carefully before a design is
finalized.
It is recommended that there be a neat separation of ground planes in the layout. It is generally accepted practice to limit
the plane off at least 0.05 inches away from the chip side pins of EPF8116S. There need not be any ground plane beyond
this plane.
For best results, PCB designer should design the outgoing traces preferably to be 50
Ω, balanced and well coupled to
achieve minimum radiation from these traces.
Typical Application Circuit for UTP (only one port shown)
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
LXT
980
974
975
RJ45*
1
2
6
3
TPON1
TPOP1
TPIN1
TPIP1
EPF8116S
Rcv
Xmit
1
3
4
5
36
40
37
38
151
149
147
146
TD1-
TD1+
RD1-
RD1+
Rx1+
Rx1-
Tx1+
Tx1-
2
39
High Voltage
Capacitor
(2000 V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com