Electronic Components Datasheet Search
  English  ▼

X  

EPF8179SS Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8179SS
Description  10/100Base-TX Interface Module for PC Card Applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8179SS Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8179SS Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module
for PC Card Applications
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for use with SSI 78Q2120
• Low profile, fully Integrated with two channels
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Guaranteed to operate with 8 mA DC Bias at 70°C
Schematic
EPF8179SS
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8179S
Rev. 3
7/14/03
Receive Channel
Transmit Channel
7
6
8
10
9
1:1
Chip Side
Cable Side
11
1
2
3
16
14
15
1:1
Chip Side
Cable Side
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
Between Channels
-30
10-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
100
MHz
-1/-1
Xmit/Rcv
5-10
MHz
-40
30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
100
MHz
-10/-10
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
500
MHz
Xmit/Rcv
-10/-10
1-30
MHz
-30/-30
Xmit/Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
150
MHz
-3.5/-3.5
Xmit/Rcv
.520
(13.01)
.035
(.889)
0°-8°
.008/.013
(.203/.330)
.520
(13.21)
.400
(10.16)
Marking:
PCA
EPF8179S
Date Code
Pin 1
I.D.
.085
(2.16)
.350
(8.89)
.017/.022
(.432/.559)
.050
(1.27)
.003/.005
(.076/.127)
.074/.080
(1.88/2.03)
.090
(2.29)
Pad
Layout
.560
(14.22)
.030
(.762)
.050
(1.27)
.150
(3.81)
.150
(3.81)


Similar Part No. - EPF8179SS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8100S PCA-EPF8100S Datasheet
26Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8101S PCA-EPF8101S Datasheet
35Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8102S PCA-EPF8102S Datasheet
35Kb / 1P
10/100 Base-X Quad-Phyter Module
EPF8104S PCA-EPF8104S Datasheet
32Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8105S PCA-EPF8105S Datasheet
75Kb / 1P
10/100Base-TX Module for Multi-Port Applications
More results

Similar Description - EPF8179SS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8119S PCA-EPF8119S Datasheet
29Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8064SM PCA-EPF8064SM Datasheet
65Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8125S PCA-EPF8125S Datasheet
23Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8015G PCA-EPF8015G_09 Datasheet
129Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8023G PCA-EPF8023G_09 Datasheet
128Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8029G PCA-EPF8029G_09 Datasheet
128Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8069S PCA-EPF8069S Datasheet
60Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
EPF8092G PCA-EPF8092G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119SER PCA-EPF8119SER Datasheet
23Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8185SL PCA-EPF8185SL Datasheet
46Kb / 1P
10/100Base-TX Interface Module for PC Card Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com