Electronic Components Datasheet Search
  English  ▼

X  

EPF8183S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8183S
Description  10/100Base-TX Quad Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8183S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8183S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Quad Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Add “-RC” after part number for RoHS Compliant
EPF8183S & EPF8183S-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8183S & -RC Rev. A2
9/22/05 JDG
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-38
1-100
MHz
1-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
-16/-16
Xmit/Rcv
60-80
MHz
-14/-14
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
200
MHz
Xmit/Rcv
-25/-25
30
MHz
-35/-35
Xmit/Rcv
300-500
MHz
Xmit/Rcv
-10/-10
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
Cable Side
Package
.050
(1.27)
Solder Pad Layout
PCA
EPF8183S(-RC)
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
1
20
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
Schematic
2,9,12,19
1,10,11,20
39,32,29,22
40,31,30,21
CMC
1CT:1CT
5,6,15,16
4,7,14,17
36,35,26,25
37,34,27,24
38,33,28,23
1CT:1CT
CMC
3,8,13,18
Receive
Channel
Transmit
Channel
Chip Side
Cable Side
Common to
Diff. Reject.
(dB Min.)
-40/-40
1-100
MHz
Xmit/Rcv
Notes :
2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
EPF8183S-RC
260°C
5.35 grams
4
(96 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
20 pieces/tube
350 pieces/13” reel
(*EPF8183S-RCTR)
EPF8183S
225°C
5.35 grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
20 pieces/tube
350 pieces/13” reel
(*EPF8183S-TR)


Similar Part No. - EPF8183S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8183SE PCA-EPF8183SE Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SE-RC PCA-EPF8183SE-RC Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SJE PCA-EPF8183SJE Datasheet
45Kb / 1P
10/100Base-TX Quad Module
EPF8183SP PCA-EPF8183SP Datasheet
80Kb / 1P
10/100Base-TX Quad Module
More results

Similar Description - EPF8183S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8183SE PCA-EPF8183SE Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SJE PCA-EPF8183SJE Datasheet
45Kb / 1P
10/100Base-TX Quad Module
EPF8183SP PCA-EPF8183SP Datasheet
80Kb / 1P
10/100Base-TX Quad Module
logo
XFMRS Inc.
XF5208Q4 XFMRS-XF5208Q4 Datasheet
51Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q15A XFMRS-XFATM8Q15A Datasheet
56Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q15A XFMRS-XFATM8Q15A_10 Datasheet
101Kb / 1P
Quad Port 10/100BASE-TX Module
ATM8Q15C XFMRS-ATM8Q15C Datasheet
110Kb / 1P
QUAD PORT 10/100BASE-TX MODULE
XFATM8Q14 XFMRS-XFATM8Q14 Datasheet
58Kb / 1P
Quad Port 10/100BASE-TX Module
ATM8Q15C XFMRS-ATM8Q15C_15 Datasheet
110Kb / 1P
Quad Port 10/100BASE-TX Module
XATM8Q22 XFMRS-XATM8Q22_15 Datasheet
100Kb / 1P
Quad Port 10/100BASE-TX Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com