Electronic Components Datasheet Search
  English  ▼

X  

EPF8183SP Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8183SP
Description  10/100Base-TX Quad Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8183SP Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8183SP Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Quad Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Significantly Improved Common Mode Attenuation
• Guaranteed to operate with 8 mA DC Bias at 70°C
• Cable Side Surge, EFT and ESD Protection Included
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
Schematic
EPF8183SP
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8183SP
Rev. 1
6/2/03 JDG
•
Isolation : 1500 Vrms •
Cable Side Impedance : 100
Ω • Common to Differential Rejection : -40 dB Min. (Xmit/Rcv) @ 1-100 MHz •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-38
1-100
MHz
1-80
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
30
MHz
-18/-18
Xmit/Rcv
30-60
MHz
18-20 lof f/30
Xmit/Rcv
60-80
MHz
-14/-14
Xmit/Rcv
100
MHz
Xmit/Rcv
-25/-25
200
MHz
Xmit/Rcv
-25/-25
30
MHz
-35/-35
Xmit/Rcv
300-500
MHz
Xmit/Rcv
-10/-10
OCL
(µH Min.)
100 KHz, 0.1 Vrms
8 mA DC Bias
350
Cable Side
.050
(1.27)
Solder Pad Layout
PCA
EPF8183SP
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.370
(9.40)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
2,10,12,20
1,9,11,19
39,31,29,21
40,32,30,22
CMC
1CT:1CT
5,7,15,17
4,6,14,16
36,34,26,24
37,35,27,25
38,33,28,23
1CT:1CT
CMC
3,8,13,18
Receive
Channel
Transmit
Channel
Chip Side
Cable Side
EFT/ESD/Surge Protection Circuit
EFT/ESD/Surge Protection Circuit


Similar Part No. - EPF8183SP

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8183S PCA-EPF8183S Datasheet
25Kb / 1P
10/100Base-TX Quad Module
EPF8183S-RC PCA-EPF8183S-RC Datasheet
25Kb / 1P
10/100Base-TX Quad Module
EPF8183SE PCA-EPF8183SE Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SE-RC PCA-EPF8183SE-RC Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SJE PCA-EPF8183SJE Datasheet
45Kb / 1P
10/100Base-TX Quad Module
More results

Similar Description - EPF8183SP

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8183S PCA-EPF8183S Datasheet
25Kb / 1P
10/100Base-TX Quad Module
EPF8183SE PCA-EPF8183SE Datasheet
27Kb / 1P
10/100Base-TX Quad Module
EPF8183SJE PCA-EPF8183SJE Datasheet
45Kb / 1P
10/100Base-TX Quad Module
logo
XFMRS Inc.
XF5208Q4 XFMRS-XF5208Q4 Datasheet
51Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q15A XFMRS-XFATM8Q15A Datasheet
56Kb / 1P
Quad Port 10/100BASE-TX Module
XFATM8Q15A XFMRS-XFATM8Q15A_10 Datasheet
101Kb / 1P
Quad Port 10/100BASE-TX Module
ATM8Q15C XFMRS-ATM8Q15C Datasheet
110Kb / 1P
QUAD PORT 10/100BASE-TX MODULE
XFATM8Q14 XFMRS-XFATM8Q14 Datasheet
58Kb / 1P
Quad Port 10/100BASE-TX Module
ATM8Q15C XFMRS-ATM8Q15C_15 Datasheet
110Kb / 1P
Quad Port 10/100BASE-TX Module
XATM8Q22 XFMRS-XATM8Q22_15 Datasheet
100Kb / 1P
Quad Port 10/100BASE-TX Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com