Electronic Components Datasheet Search
  English  ▼

X  

440LS030M28 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 440LS030M28
Description  EMI/RFI Banding and Shrink Boot Adapter Rotatable Coupling - Standard Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LS030M28 Datasheet(HTML) 2 Page - Glenair, Inc.

  440LS030M28 Datasheet HTML 1Page - Glenair, Inc. 440LS030M28 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 13
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page
21) is exceeded, Style 2 will be
supplied. Dimensions E, F, G, and
H will not apply. Please consult
factory.
2. Metric dimensions (mm) are
indicated in parentheses.
3. Interface O-Ring not supplied with
Connector Designator A.
4. Consult factory for shorter lengths
on straight backshells.
5. See page 40 Shrink Boot Reference
Information.
6. Backshells supplied with 600-052-*
band, see Glenair Series 600 Tool
Catalog for installation.
TABLE III: ELBOW DIMENSIONS
A-F-L
08
10
12
14
16
18
20
22
24
28
32
36
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
G ***
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.803 (20.4)
1.031 (26.2)
1.156 (29.4)
1.219 (31.0)
1.281 (32.5)
1.593 (40.5)
1.718 (43.6)
H ***
Max
1.110 (28.2)
1.140 (29.0)
1.160 (29.5)
1.190 (30.2)
1.210 (30.7)
1.221 (31.0)
1.281 (32.5)
1.351 (34.3)
1.410 (35.8)
1.531 (38.9)
1.651 (41.9)
1.781 (45.2)
F
Max
.940 (23.9)
1.000 (25.4)
1.050 (26.7)
1.090 (27.7)
1.150 (29.2)
1.190 (30.2)
1.250 (31.8)
1.320 (33.5)
1.380 (35.1)
1.500 (38.1)
1.620 (41.1)
1.750 (44.5)
E ***
Max
.531 (13.5)
.594 (15.1)
.618 (15.7)
.656 (16.7)
.688 (17.5)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
1.041 (26.4)
1.092 (27.7)
1.136 (28.9)
Dash
No.
01
31
02
32
03
33
04
34
05
35
06
36
07
37
08
38
09
10
11
12
13
14
15
16
K
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
M
.312
(7.9)
.374
(9.5)
.437 (11.1)
.500 (12.7)
.562 (14.3)
.624 (15.8)
.687 (17.4)
.750 (19.1)
.812 (20.6)
.874 (22.2)
.937 (23.8)
1.000 (25.4)
1.062 (27.0)
1.124 (28.5)
1.187 (30.1)
1.250 (31.8)
1.312 (33.3)
1.437 (36.5)
1.562 (39.7)
1.687 (42.8)
1.812 (46.0)
1.937 (49.2)
2.062 (52.4)
2.187 (55.5)
L
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
**** Raychem Shrink Boot Supplied with "T" Option
(see Part Number Development)
Shrink
Boot ****
n/a
202K121-25-0
202K121-25-0
202K121-25-0
202K121-25-0
202K132-25-0
202K132-25-0
202K132-25-0
202K132-25-0
202K142-25-0
202K142-25-0
202K153-25-0
202K153-25-0
202K153-25-0
202K153-25-0
202K163-25-0
202K163-25-0
202K163-25-0
202K174-25-0
202K174-25-0
202K174-25-0
202K185-25-0
202K185-25-0
202K185-25-0
TABLE IV: CABLE ENTRY
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
*** These maximum dimensions are increased by .187 (4.7) when parts are
fabricated from stainless steel, and connector designator is “S”.
440-030
EMI/RFI Banding and Shrink Boot Adapter
Rotatable Coupling - Standard Profile
Now Available
with the NESTOR
Add “-445” to Specify
Glenair’s Non-Detent,
Spring-Loaded, Self-
Locking Coupling. See
Page 41 for Details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com