Electronic Components Datasheet Search
  English  ▼

X  

EPF8199F2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8199F2
Description  10/100 LAN Interface Module with Enhanced Common Mode Attenuation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8199F2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8199F2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Crosstalk
(dB Min.)
Return Loss
(dB Min.)
-1
1-80
MHz
-12
-3
-18
-10
-35
1-100
MHz
150
MHz
1-30
MHz
60
MHz
80
MHz
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
Xmit
Rcv
1-30
MHz
-40
Xmit
30-100
MHz
Xmit
-30
-1
-12
-3
-18
-10
Electrical Parameters @ 25° C
10/100 LAN Interface Module with
Enhanced Common Mode Attenuation
CSF8199F2
Rev. -
4/13/00
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Guaranteed to operate with 8 mA DC bias at 70°C •
• Complies with or exceeds IEEE 802.3, 10 BT/100 BX Standards •
Dimensions
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
Dim.
.570
.450
.180
---
.010
---
.570
.016
.008
---
0°
.025
---
---
---
.600
Min.
.590
.470
.200
---
.015
---
.590
.022
.013
---
8°
.045
---
---
---
.620
Max.
.580
.460
.190
.395
.013
.079
.580
.020
.011
.092
4°
.035
.040
.079
.092
.610
Nom.
(Inches)
(Millimeters)
14.48
11.43
4.57
---
.254
---
14.48
.406
.203
---
0°
.635
---
---
---
15.24
Min.
14.99
11.94
5.08
---
.381
---
14.99
.559
.330
---
°8
1.14
---
---
---
15.75
Max.
14.73
11.68
4.83
10.03
.330
2.01
14.73
.508
.279
2.34
4°
.889
1.02
2.01
2.34
15.49
Nom.
EPF8199F2
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350µH
Cable Side
E L E C T R O N I C S I N C .
100-500
MHz
Xmit
-10
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Schematic
Receive Channel
Package
G
L
K
I
H
F
E
C
Marking :
PCA
EPF8199F2
Date Code
A
B
J
Pin 1
I.D.
D
Pad
Layout
Q
M
P
N
Rcv
-40
Rcv
-30
Rcv
-10
Transmit Channel
3
1
2
10
12
11
8
1CT:1CT
7
9
6
4
5
TD+
TD-
TDCT
TX+
TX-
TXCT
RDCT
RD+
RD-
RXCT
RX+
RX-
1CT:
2CT


Similar Part No. - EPF8199F2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8195F1 PCA-EPF8195F1 Datasheet
44Kb / 1P
Voice Over IP Application
EPF8196F2 PCA-EPF8196F2 Datasheet
25Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8196F2-RC PCA-EPF8196F2-RC Datasheet
25Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8197F2 PCA-EPF8197F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8198F2 PCA-EPF8198F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
More results

Similar Description - EPF8199F2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8017GM PCA-EPF8017GM Datasheet
62Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8033GM PCA-EPF8033GM Datasheet
48Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8037 PCA-EPF8037 Datasheet
53Kb / 2P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8104S PCA-EPF8104S Datasheet
32Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8115GE PCA-EPF8115GE Datasheet
39Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8197F2 PCA-EPF8197F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8198F2 PCA-EPF8198F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8200F2 PCA-EPF8200F2 Datasheet
46Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode Attenuation
EPF8205G PCA-EPF8205G Datasheet
157Kb / 1P
10/100 LAN Interface Module with Enhanced Common Mode
EPF8225S PCA-EPF8225S Datasheet
28Kb / 1P
100 LAN Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com