Electronic Components Datasheet Search
  English  ▼

X  

EPF8250S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPF8250S
Description  10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPF8250S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPF8250S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10/100Base-TX Interface Module with
Enhanced Common Mode Attenuation
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Recommended for Enable 40C331, Broadcom BCM5201, BCM5202
& Level One LXT970
• Complies with or exceeds IEEE 802.3u & ANSI X3.263 Standards
• Designed to operate from 0°C to +70°C
Schematic
EPF8250S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSF8250S
Rev. -
9/16/03
•
Isolation : 1500 Vrms •
Impedance : 100
Ω • Rise Time : 3.0 nS Max. •
Insertion Loss
(dB Max.)
Common Mode Rejection
(dB Min.)
Return Loss
(dB Min.)
Crosstalk
(dB Min.)
-35
1-100
MHz
.1-100
MHz
-1/-1
Xmit/Rcv
150
MHz
-3/-3
Xmit/Rcv
1-30
MHz
-18/-18
Xmit/Rcv
60
MHz
-12/-12
Xmit/Rcv
30-100
MHz
Xmit/Rcv
-35/-30
100-500
MHz
Xmit/Rcv
-10/-10
100
MHz
-10/-10
Xmit/Rcv
OCL
@ 70°C
100 KHz, 0.1 Vrms
8 mA DC Bias
350 µH
1-30
MHz
Xmit/Rcv
-40/-40
Suggested
Solder
Pad Layout
PCA
EPF8250S
Date Code
.490
(12.45)
.270
(6.86)
.190
(4.83)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.380
(9.65)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.070
(1.78)
0°-8°
.035
(.889)
.030
(.762)
.050
(1.27)
.055
(1.40)
.420
(10.67)
Pin 1
I.D.
Transmit Channel
1CT:1CT
14
16
15
3
1
2
Receive Channel
10
1CT:1CT
9
11
8
6
7
Cable Side


Similar Part No. - EPF8250S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8256S PCA-EPF8256S Datasheet
24Kb / 1P
VoIP 10/100Base-TX Interface Module
EPF8256S-RC PCA-EPF8256S-RC Datasheet
24Kb / 1P
VoIP 10/100Base-TX Interface Module
More results

Similar Description - EPF8250S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8010GH PCA-EPF8010GH Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8096G PCA-EPF8096G Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8107G PCA-EPF8107G Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8115G PCA-EPF8115G Datasheet
25Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8143S-RC PCA-EPF8143S-RC Datasheet
22Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8143SE PCA-EPF8143SE Datasheet
24Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8182G PCA-EPF8182G Datasheet
152Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8186AG PCA-EPF8186AG Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8188G PCA-EPF8188G Datasheet
156Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
EPF8196F2 PCA-EPF8196F2 Datasheet
25Kb / 1P
10/100Base-TX Interface Module with Enhanced Common Mode Attenuation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com