Electronic Components Datasheet Search
  English  ▼

X  

MAX1970EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1970EEE
Description  Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1970EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1970EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
turns off and the internal low-side n-channel MOSFET
turns on. Now the inductor releases the stored energy
as its current ramps down while still providing current to
the output. The output capacitor stores charge when
the inductor current exceeds the load current and dis-
charges when the inductor current is lower, smoothing
the voltage across the load. Under overload conditions,
when the inductor current exceeds the current limit (see
the
Current Limit section), the high-side MOSFET is not
turned on at the rising edge of the clock and the low-
side MOSFET remains on to let the inductor current
ramp down.
Current Sense
The current-sense circuit amplifies the current-sense
voltage generated by the high-side MOSFET’s on-resis-
tance and the inductor current (RDS(ON)  IINDUCTOR).
This amplified current-sense signal and the internal
slope compensation signal are summed together into
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
12
______________________________________________________________________________________
Figure 1. Functional Diagram
FB
SELECT
PWM CONTROL
LX1
PGND
RSI
PFO
POR
MAX1970/MAX1972 ONLY
MAX1971 ONLY
CLAMP
ERROR SIGNAL
REGULATOR 1
REGULATOR 2
FB1
IN
FBSEL1
COMP1
REF
EN
COMP2
FB2
FBSEL2
GND
SLOPE COMP
CURRENT SENSE
SOFT-START
THERMAL SHUTDOWN
VOK
REFERENCE
VOLTAGE
1.2V
÷2(MAX1970/
MAX1972)/
÷4(MAX1971)
2.8MHz
OSCILLATOR
POR
PFO
VCC
MAX1970
MAX1971
MAX1972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com