Electronic Components Datasheet Search
  English  ▼

X  

MAX4162 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4162
Description  UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4162_09 Datasheet HTML 6Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 7Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 8Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 9Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 10Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 11Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 12Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 13Page - Maxim Integrated Products MAX4162_09 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
UCSP, Micropower, Single-Supply, 10V,
Rail-to-Rail I/O Op Amps
12
______________________________________________________________________________________
_____________________________________________Pin Configurations (continued)
TOP VIEW
INB-
INB+
VSS
1
2
8
7
VDD
OUTB
INA-
INA+
OUTA
SO/µMAX
3
4
6
5
MAX4163
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VSS
VDD
INA+
INA-
OUTA
MAX4164
INC+
INC-
OUTC
OUTB
INB-
INB+
SO
OUT
N.C.
VSS
1
2
8
7
N.C.
VDD
IN-
IN+
N.C.
SO
3
4
6
5
MAX4162
___________________Chip Information
MAX4162 TRANSISTOR COUNT: 291
MAX4163 TRANSISTOR COUNT: 496
MAX4164 TRANSISTOR COUNT: 992
IN
1.5V/div
3V
0
1.5V
0
OUT
750mV/div
POWER-UP TRANSIENT
(VDD = 3V)
MAX4162-38
100µs/div
VDD = 3V, VIN = VDD/2, RL = 10kΩ, CL = 1500pF
IN
2V/div
5V
0
2.5V
0
OUT
1V/div
POWER-UP TRANSIENT
(VDD = 5V)
MAX4162-39
100µs/div
VDD = 5V, VIN = VDD/2, RL = 10kΩ, CL = 1500pF
Figure 3. Power-Up Transient: a) VDD = 3V; b) VDD = 5V
a)
b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com