Electronic Components Datasheet Search
  English  ▼

X  

MAX4434 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4434
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4434 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4434 Datasheet HTML 4Page - Maxim Integrated Products MAX4434 Datasheet HTML 5Page - Maxim Integrated Products MAX4434 Datasheet HTML 6Page - Maxim Integrated Products MAX4434 Datasheet HTML 7Page - Maxim Integrated Products MAX4434 Datasheet HTML 8Page - Maxim Integrated Products MAX4434 Datasheet HTML 9Page - Maxim Integrated Products MAX4434 Datasheet HTML 10Page - Maxim Integrated Products MAX4434 Datasheet HTML 11Page - Maxim Integrated Products MAX4434 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PIN
MAX4436/MAX4437
SO/µMAX
NAME
FUNCTION
1
OUTA
Amplifier A Output
2
INA-
Amplifier A Inverting Input
3
INA+
Amplifier A Noninverting Input
4VEE
Ground
5
INB+
Amplifier A Noninverting Input
6
INB-
Amplifier A Inverting Input
7
OUTB
Amplifier A Output
8VCC
Positive Power Supply
PIN
MAX4434/MAX4435
SOT23
SO
NAME
FUNCTION
1
6
OUT
Output
24
VEE
Ground
3
3
IN+
Noninverting Input
4
2
IN-
Inverting Input
57
VCC
Positive Power Supply
—
1, 5, 8
N.C.
No Connection. Not internally connected.
Pin Description
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
8
_______________________________________________________________________________________
0
30
90
60
120
150
-50
0
-25
255075
100
VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (
°C)
FROM POSITIVE
FROM NEGATIVE
0
20
60
40
80
100
-50
0
-25
25
50
75
100
VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (
°C)
FROM POSITIVE RAIL
FROM NEGATIVE RAIL
RL = 10k
Ω
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com