Electronic Components Datasheet Search
  English  ▼

X  

MAX5035 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5035 Datasheet HTML 1Page - Maxim Integrated Products MAX5035 Datasheet HTML 2Page - Maxim Integrated Products MAX5035 Datasheet HTML 3Page - Maxim Integrated Products MAX5035 Datasheet HTML 4Page - Maxim Integrated Products MAX5035 Datasheet HTML 5Page - Maxim Integrated Products MAX5035 Datasheet HTML 6Page - Maxim Integrated Products MAX5035 Datasheet HTML 7Page - Maxim Integrated Products MAX5035 Datasheet HTML 8Page - Maxim Integrated Products MAX5035 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND, unless otherwise specified.)
VIN .........................................................................-0.3V to +80V
SGND ....................................................................-0.3V to +0.3V
LX.................................................................-0.8V to (VIN + 0.3V)
BST ...............................................................-0.3V to (VIN + 10V)
BST (transient < 100ns) ................................-0.3V to (VIN + 15V)
BST to LX................................................................-0.3V to +10V
BST to LX (transient < 100ns) ................................-0.3V to +15V
ON/
OFF........................................................-0.3V to (VIN + 0.3V)
VD...........................................................................-0.3V to +12V
FB
MAX5035A/MAX5035B/MAX5035C ...................-0.3V to +15V
MAX5035D .........................................................-0.3V to +12V
VOUT Short-Circuit Duration (VIN ≤ 40V)........................Indefinite
VD Short-Circuit Duration ..............................................Indefinite
Continuous Power Dissipation (TA = +70°C)
8-Pin PDIP (derate 9.1mW/°C above +70°C)...............727mW
8-Pin SO (derate 5.9mW/
°C above +70°C)..................471mW
Operating Temperature Range
MAX5035_U_ _ ...................................................0
°C to +85°C
MAX5035_A_ _ ..............................................-40
°C to +125°C
Storage Temperature Range .............................-65
°C to +150°C
Junction Temperature ......................................................+150
°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS (MAX5035_U_ _)
(VIN = +12V, VON/OFF = +12V, IOUT = 0, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C. See the
Typical Application Circuit.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX5035A
7.5
76.0
MAX5035B
7.5
76.0
MAX5035C
15
76
Input Voltage Range
VIN
MAX5035D
7.5
76.0
V
Undervoltage Lockout
UVLO
5.2
V
MAX5035A
VIN = 7.5V to 76V,
IOUT = 20mA to 1A
3.185
3.3
3.415
MAX5035B
VIN = 7.5V to 76V,
IOUT = 20mA to 1A
4.85
5.0
5.15
Output Voltage
VOUT
MAX5035C
VIN = 15V to 76V,
IOUT = 20mA to 1A
11.64
12
12.36
V
Feedback Voltage
VFB
VIN = 7.5V to 76V, MAX5035D
1.192
1.221
1.250
V
VIN = 12V, ILOAD = 0.5A, MAX5035A
86
VIN = 12V, ILOAD = 0.5A, MAX5035B
90
VIN = 24V, ILOAD = 0.5A, MAX5035C
94
Efficiency
η
VIN = 12V, VOUT = 5V, ILOAD = 0.5A,
MAX5035D
90
%
VFB = 3.5V, VIN = 7.5V to 76V, MAX5035A
270
440
VFB = 5.5V, VIN = 7.5V to 76V, MAX5035B
270
440
VFB = 13V, VIN = 15V to 76V, MAX5035C
270
440
Quiescent Supply Current
IQ
VFB = 1.3V, MAX5035D
270
440
µA
Shutdown Current
ISHDN
VON/OFF = 0V, VIN = 7.5V to 76V
10
45
µA
Peak Switch Current Limit
ILIM
(Note 1)
1.30
1.80
2.50
A
Switch Leakage Current
IOL
VIN = 76V, VON/OFF = 0V, VLX = 0V
1
µA
Switch On-Resistance
RDS(ON)
ISWITCH = 1A
0.40
0.80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com