Electronic Components Datasheet Search
  English  ▼

X  

MAX6496 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6496
Description  72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6496 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6496 Datasheet HTML 8Page - Maxim Integrated Products MAX6496 Datasheet HTML 9Page - Maxim Integrated Products MAX6496 Datasheet HTML 10Page - Maxim Integrated Products MAX6496 Datasheet HTML 11Page - Maxim Integrated Products MAX6496 Datasheet HTML 12Page - Maxim Integrated Products MAX6496 Datasheet HTML 13Page - Maxim Integrated Products MAX6496 Datasheet HTML 14Page - Maxim Integrated Products MAX6496 Datasheet HTML 15Page - Maxim Integrated Products MAX6496 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
______________________________________________________________________________________
13
MAX6495
5V
IN
UVLO
1.24V
OVSET
GATE
OUTFB
GND
SHDN
10V
CHARGE
PUMP
THERMAL
PROTECTION
Figure 10. Functional Diagram (MAX6495)
Functional Diagrams
MAX6496
5V
IN
UVLO
1.24V
OVSET
GATEP
IGATEP_SOURCE
GATE
OUTFB
GND
SHDN
10V
CHARGE
PUMP
THERMAL
PROTECTION
10V
Figure 11. Functional Diagram (MAX6496)
MAX6497
MAX6498
5V
IN
UVLO
0.505V
1.24V
OVSET
GATE
OUTFB
GND
SHDN
10V
CHARGE
PUMP
THERMAL
PROTECTION
POK
POKSET
Figure 12. Functional Diagram (MAX6497/MAX6498)
MAX6499
5V
IN
UVLO
1.24V
OVSET
1.24V
UVSET
GATE
OUTFB
GND
CLEAR
SHDN
10V
CHARGE
PUMP
THERMAL
PROTECTION
Figure 13. Functional Diagram (MAX6499)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com