Electronic Components Datasheet Search
  English  ▼

X  

MAX8570 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8570
Description  High-Efficiency LCD Boost with True Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8570 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8570 Datasheet HTML 1Page - Maxim Integrated Products MAX8570 Datasheet HTML 2Page - Maxim Integrated Products MAX8570 Datasheet HTML 3Page - Maxim Integrated Products MAX8570 Datasheet HTML 4Page - Maxim Integrated Products MAX8570 Datasheet HTML 5Page - Maxim Integrated Products MAX8570 Datasheet HTML 6Page - Maxim Integrated Products MAX8570 Datasheet HTML 7Page - Maxim Integrated Products MAX8570 Datasheet HTML 8Page - Maxim Integrated Products MAX8570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
High-Efficiency LCD Boost
with True Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = VSHDN = 3.6V, SW open, VFB = 1.3V (MAX8570/MAX8571/MAX8574) or VOUT = 16V (MAX8572/MAX8573/MAX8575), TA =
-40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, SHDN to GND ..................................................-0.3V to +6V
SW to GND .................................................-0.3V to (VCC + 0.3V)
FB to GND (MAX8570/MAX8571/
MAX8574)...............................................-0.3V to (VCC + 0.3V)
OUT to GND (MAX8572/MAX8573/MAX8575) .......-0.3V to +30V
LX to GND ..............................................................-0.3V to +30V
ILX, ICC ..............................................................................600mA
Continuous Power Dissipation (TA = +70°C)
µDFN (derate 4.5 mW/°C above +70°C)...................357.8mW
SOT23-6 (derate 8.7 mW/°C above +70°C)..............695.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Voltage Range
2.70
5.50
V
VCC Undervoltage Lockout
VCC rising, 50mV typical hysteresis
2.33
2.5
2.65
V
VCC Supply Current
25
35
µA
TA = +25
°C
0.05
1
VCC Shutdown Current
SHDN = GND, VCC = 5.5V
TA = -40
°C to +85°C
0.05
µA
Line Regulation
Circuit of Figure 3, VOUT = 15V, ILOAD = 5mA,
VCC = 2.7V to 5.5V
0.1
%/V
Load Regulation
Circuit of Figure 3, VOUT = 15V, ILOAD = 0 to 5mA
0.1
%/mA
TA = 0
°C to +85°C
1.216
1.226
1.236
FB Regulation Voltage
TA = -40
°C to +85°C
1.2137
1.2383
V
FB Input Bias Current
-50
-4
+50
nA
TA = 0
°C to +85°C
14.85
15
15.15
OUT Regulation Voltage
TA = -40
°C to +85°C
14.813
15.187
V
OUT Input Bias Current
VOUT = 15V
2.4
4.4
µA
LX Voltage Range
28
V
MAX8571/MAX8573
0.217
0.241
0.267
MAX8570/MAX8572
0.088
0.101
0.108
LX Switch Current Limit (Note 2)
MAX8574/MAX8575
0.425
0.484
0.540
A
MAX8571/MAX8573/MAX8574/MAX8575, ILX = 100mA
0.9
1.5
LX On-Resistance
MAX8570/MAX8572, ILX = 50mA
1.5
2.4
Ω
TA = +25
°C
0.01
2
LX Leakage Current
VLX = 28V
TA = -40
°C to +85°C
0.05
µA
Maximum LX On-Time
811
14
µs
VFB > 1V or VOUT > 12.2V
0.8
1
1.2
Minimum LX Off-Time
VFB = 0.25V or VOUT = 3.4V
4.0
5
6.0
µs
Current-Limit Propagation Delay
55
ns
SHDN Low Level (VIL)
2.7V
≤ VCC ≤ 5.5V
0.7
V
4.2V
≤ VCC ≤ 5.5V
1.5
SHDN High Level (VIH)
2.7V
≤ VCC < 4.2V
1.4
V
SHDN Leakage Current
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com