Electronic Components Datasheet Search
  English  ▼

X  

MAX8940 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8940
Description  Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8940 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8940 Datasheet HTML 1Page - Maxim Integrated Products MAX8940 Datasheet HTML 2Page - Maxim Integrated Products MAX8940 Datasheet HTML 3Page - Maxim Integrated Products MAX8940 Datasheet HTML 4Page - Maxim Integrated Products MAX8940 Datasheet HTML 5Page - Maxim Integrated Products MAX8940 Datasheet HTML 6Page - Maxim Integrated Products MAX8940 Datasheet HTML 7Page - Maxim Integrated Products MAX8940 Datasheet HTML 8Page - Maxim Integrated Products MAX8940 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Noise, High PSRR,
Low-Dropout, 120mA Linear Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 0.5V, TA = -40°C to +85°C, unless otherwise noted. CIN = 1µF, COUT = 1µF, CBP = 10nF. Typical values are at +25°C;
the MAX8940 is tested with 2.45V output, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +7V
Output Short-Circuit Duration ............................................Infinite
OUT, SHDN to GND ......................................-0.3V to (IN + 0.3V)
FB, BP, N.C. to GND..................................-0.3V to (OUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............0.247W
θJA
5-Pin SC70 ................................................................324°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.8
6
V
IOUT = 1mA, TA = +25°C
-1
+1
IOUT = 100µA to 80mA, TA = +25°C
-2
+2
Output Voltage Accuracy
IOUT = 100µA to 80mA
-3
+3
%
Maximum Output Current
IOUT
120
mA
Current Limit
ILIM
OUT = 90% of nominal value
130
200
300
mA
VOUT = 3V, IOUT = 80mA
80
170
VOUT = 3V, IOUT = 120mA
120
VOUT = 2.8V, IOUT = 80mA
90
200
Dropout Voltage (Note 2)
VOUT = 2.8V, IOUT = 120mA
135
mV
IOUT = 0.05mA
40
90
Ground Current
IQ
VIN = VOUT (nom) - 0.1V, IOUT = 0mA
220
500
µA
Line Regulation
VLNR
VIN = (VOUT + 0.5V) to 6V, IOUT = 0.1mA
0.001
%/V
Load Regulation
VLDR
IOUT = 1mA to 80mA
0.003
%/mA
TA = +25°C
0.003
1
Shutdown Supply Current
ISHDN
SHDN = 0V
TA = +85°C
0.05
µA
f = 10kHz, IOUT = 10mA
65
Ripple Rejection
PSRR
f = 100kHz, IOUT = 10mA
45
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com