Electronic Components Datasheet Search
  English  ▼

X  

MAX9657 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products MAX9657 Datasheet HTML 10Page - Maxim Integrated Products MAX9657 Datasheet HTML 11Page - Maxim Integrated Products MAX9657 Datasheet HTML 12Page - Maxim Integrated Products MAX9657 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
_______________________________________________________________________________________
9
VIDEO SYNC-TIP CLAMP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
0.90
-50
125
SYNC-TIP CLAMP CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0.4
0.2
0
100
200
300
400
500
-100
0
1.0
0.8
0.6
1.4
1.2
1.6
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
18.0
-50
125
Typical Operating Characteristics (MAX9658) (continued)
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)
Pin Description
PIN
NAME
FUNCTION
1
IN0
Video Input Channel 0
2
IN1
Video Input Channel 1
3
IN2
Video Input Channel 2
4
IN3
Video Input Channel 3
5–8, 15
N.C.
No Connection. Not internally connected.
9
GND
Ground
10
SHDN
Active-Low Shutdown Logic Input. Connect to GND to place device in shutdown. Connect to VDD for
normal operation.
11
OUT3
Video Output Channel 3
12
OUT2
Video Output Channel 2
13
OUT1
Video Output Channel 1
14
OUT0
Video Output Channel 0
16
VDD
Positive Power Supply. Bypass to GND with a 0.1µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com