Electronic Components Datasheet Search
  English  ▼

X  

MAX9736 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9736
Description  Mono/Stereo High-Power Class D Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9736 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9736 Datasheet HTML 1Page - Maxim Integrated Products MAX9736 Datasheet HTML 2Page - Maxim Integrated Products MAX9736 Datasheet HTML 3Page - Maxim Integrated Products MAX9736 Datasheet HTML 4Page - Maxim Integrated Products MAX9736 Datasheet HTML 5Page - Maxim Integrated Products MAX9736 Datasheet HTML 6Page - Maxim Integrated Products MAX9736 Datasheet HTML 7Page - Maxim Integrated Products MAX9736 Datasheet HTML 8Page - Maxim Integrated Products MAX9736 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Amplifier Slew Rate
2.5
V/µs
Input Amplifier Unity-Gain
Bandwidth
3.5
MHz
AMPLIFIER CHARACTERISTICS
MAX9736A
16.5
17
17.5
Output Amplifier Gain (Note 8)
AV
MAX9736B
13.1
13.6
14.1
dB
Output Current Limit
3.3
4.6
A
Output Offset
VOS
OUT_+ to OUT_-, TA = +25°C
±2
±10
mV
PVDD = 8V to 28V, TA = +25°C
65
80
Power-Supply Rejection Ratio
PSRR
f = 1kHz, 100mVP-P ripple
67
dB
RL = 8
Ω
8
Stereo
RL = 4
Ω
13
PVDD = 12V
Mono
RL = 4
Ω
15.5
Stereo
RL = 8
Ω
13.5
PVDD = 18V
Mono
RL = 4
Ω
27
Stereo
RL = 8
Ω
13.5
MAX9736A Output Power
(THD+N = 1%)
POUT_1%
PVDD = 24V
Mono
RL = 4
Ω
27
W
RL = 8
Ω
6
Stereo
RL = 4
Ω
11
PVDD = 12V
Mono
RL = 4
Ω
12
Stereo
RL = 8
Ω
6
PVDD = 18V
Mono
RL = 4
Ω
12
Stereo
RL = 8
Ω
6
MAX9736B Output Power
(THD+N = 1%)
POUT_1%
PVDD = 24V
Mono
RL = 4
Ω
12
W
RL = 8
Ω
10
Stereo
RL = 4
Ω
16
PVDD = 12V
Mono
RL = 4
Ω
19.5
Stereo
RL = 8
Ω
17.5
PVDD = 18V
Mono
RL = 4
Ω
35
Stereo
RL = 8
Ω
17.5
MAX9736A Output Power
(THD+N = 10%)
POUT_10%
PVDD = 24V
Mono
RL = 4
Ω
35
W
RL = 8
Ω
7.5
Stereo
RL = 4
Ω
14
PVDD = 12V
Mono
RL = 4
Ω
15
Stereo
RL = 8
Ω
7.5
PVDD = 18V
Mono
RL = 4
Ω
15
Stereo
RL = 8
Ω
7.5
MAX9736B Output Power
(THD+N = 10%)
POUT_10%
PVDD = 24V
Mono
RL = 4
Ω
15
W
ELECTRICAL CHARACTERISTICS (continued)
(VPVDD = 20V, VVS = 5V, AGND = PGND = 0V, VMOD = VSHDN = VMUTE = 5V, REGEN = MONO = AGND, C1 = 0.1µF, C2 = 1µF,
RIN_ = 20kΩ and RFB_= 20kΩ, RL = ∞, AC measurement bandwidth 22Hz to 22kHz, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 4, 5)
Mono/Stereo High-Power Class D Amplifier
_______________________________________________________________________________________
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com