Electronic Components Datasheet Search
  English  ▼

X  

ASMA203 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # ASMA203
Description  26dBm, 50 Ohm Amplifier 1-300MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

ASMA203 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  ASMA203 Datasheet HTML 1Page - TriQuint Semiconductor ASMA203 Datasheet HTML 2Page - TriQuint Semiconductor ASMA203 Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASMA203
26dBm, 50 Ohm Amplifier 1-300MHz
2
Electrical Specifications
ID = 250 mA
TC = 25°C
TC = 0 to 50°C
SYMBOL
CHARACTERISTICS
TYPICAL
MINIMUM
MAXIMUM
UNITS
BW
Frequency Range
---
1
300
MHz
GP
Small Signal Power Gain
13.0
12.0
dB
∆GP
Gain Flatness
± 0.2
± 0.5
dB
NF
Noise Figure (100 MHz)
6.0
dB
P1dB
Power Output at 1 dB Compression
+27
+26.0
dBm
VSWR
Input/
Output
2.0:1
2.2:1
2.5:1
2.5:1
---
REV ISO.
Reverse Isolation
19
---
---
dB
IP2
Two Tone 2
nd Order Intercept Point
+53
---
---
dBm
IP3
Two Tone 3
rd Order Intercept Point
+41
---
---
dBm
HP2
Single Tone 2
nd Harmonic Intercept Point
+59
---
---
dBm
VD
Device Voltage
12.5
11.5
13.5
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com