Electronic Components Datasheet Search
  English  ▼

X  

MQPI-18 Datasheet(PDF) 1 Page - Vicor Corporation

Part # MQPI-18
Description  28 Volt Input, 7 Amp MIL COTS EMI Filter for VI Chips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MQPI-18 Datasheet(HTML) 1 Page - Vicor Corporation

  MQPI-18 Datasheet HTML 1Page - Vicor Corporation MQPI-18 Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Picor Corporation • www.picorpower.com
MQPI-18 Data Sheet Rev. 1.0 Page 1 of 2
PRELIMINARY
28 Volt Input, 7 Amp MIL COTS EMI Filter for V•I Chips
MQPI-18
Typical Applications
• Military mobile and fixed communications
• Radar and Targeting
• Missile and Launch systems
• Airborne flight management systems
Assembly process compatibility
• Intended for Pb solder SMT assembly
• Compatible with typical aqueous cleaning
processes (open-frame only)
• Compatible with most conformal coating
compounds [after reflow] (open frame only).
Bus+
Bus+
Out+
QPI-12
Out–
Bus–
Cbus
Shield
Shield
Bus–
Cin
Cy2
Cy1
Vi–
Vo–
Vo+
Vi+
Vo+
Vo–
Vi–
Vi+
PRM
VTM
Cin: Recommended input capacitance per V•I Chip requirement.
Cy1 & Cy2: 4.7 nF, or recommended per V•I Chip requirement.
Cbus: 47 uF, 50 V electrolytic in parallel with 2.2 µF, 100 V ceramic.
Figure 1 – MQPI-18 Typical application schematic
Figure 2 – MIL-STD-461, CE102 compliance with MQPI-18 using
28 V input MIL PRM and 12 V output MIL VTM
Description
The MQPI-18 attenuates conducted common-mode
(CM) and differential mode (DM) noise for 28 V input
MIL PRMs to comply with MIL-461E EMI requirements
for conducted noise measurements. The filter operates
within the full input operating range of a 28 V MIL
PRM and supports 7 A loads up to 60°C without
derating.
Features
• 28 V input, compatible with MIL PRM
• MIL-STD-461E compliant* CE101, CE102, CS101,
CS114, C5115, and CS116
• 100 Vdc surge, 100 ms
• 1,500 Vdc hi-pot hold off to shield plane
• 7 A rating
• Efficiency >99%
• Low profile LGA package
• -55°C to 100°C operation (PCB Temp.)
• Pb solder construction
®
MQPI-18
12.9 x 25.3 x 5 mm
Weight = 2.4 grams
*When combined with MP028 PRMs, and MV036 VTMs


Similar Part No. - MQPI-18

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
MQP12028S05 XPPOWER-MQP12028S05 Datasheet
394Kb / 6P
DC-DC Power Supplies
MQP12028S12 XPPOWER-MQP12028S12 Datasheet
394Kb / 6P
DC-DC Power Supplies
MQP12028S15 XPPOWER-MQP12028S15 Datasheet
394Kb / 6P
DC-DC Power Supplies
MQP12028S24 XPPOWER-MQP12028S24 Datasheet
394Kb / 6P
DC-DC Power Supplies
MQP12028S3V3 XPPOWER-MQP12028S3V3 Datasheet
394Kb / 6P
DC-DC Power Supplies
More results

Similar Description - MQPI-18

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
EMI INPUT FILTER 28 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
EMI Input Filters 28 Volt input ??7 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com