Electronic Components Datasheet Search
  English  ▼

X  

PI2125 Datasheet(PDF) 15 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 15 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 11Page - Vicor Corporation PI2125 Datasheet HTML 12Page - Vicor Corporation PI2125 Datasheet HTML 13Page - Vicor Corporation PI2125 Datasheet HTML 14Page - Vicor Corporation PI2125 Datasheet HTML 15Page - Vicor Corporation PI2125 Datasheet HTML 16Page - Vicor Corporation PI2125 Datasheet HTML 17Page - Vicor Corporation PI2125 Datasheet HTML 18Page - Vicor Corporation PI2125 Datasheet HTML 19Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
The PI2125 internal MOSFET power dissipation can
be calculated with the following equation:
)
(
2
on
Rds
Is
Pd
MOSFET
∗
=
Where:
Is
: Source Current
Rds(on) : MOSFET on-state resistance
Note:
Calculate with Rds(on) at maximum MOSFET
temperature because Rds(on) is
temperature
dependent, Refer to figure 11 for normalized
Rds(on) values over temperature. PI2125 nominal
Rds(on) at 25°C is 3mΩ and will increase by 35% at
125°C junction temperature.
The junction temperature rise is a function of power
dissipation and thermal resistance.
)
(
2
on
Rds
Is
Rth
Pd
Rth
Trise
JA
MOSFET
JA
∗
∗
=
∗
=
,
Where:
: Junction-to-Ambient thermal
resistance (54°C/Watt)
JA
Rth
(3)
This may require iteration to get to the final junction
temperature.
Figures 13, 14, and 17 show the
PI2125 internal MOSFET final junction temperature
curves versus conducted current at given ambient
temperatures and air flow.
OV/UV resistor selection:
The UV and OV comparators inputs are used to
monitor the input voltage and will indicate a fault
condition when this voltage is out of range. It can be
used to monitor the input voltage (Vin) level if the
PI2125 is referenced to the same ground as Vin. If
the PI2125 is floating on Vin then OV and UV can
not monitor Vin and should be disabled by
connecting UV to the VC pin and OV to the GND pin
of the same PI2125.
The Fault pin ( FT ) will indicate a fault (active low)
when the UV pin is below the threshold or when the
OV pin is above the threshold. The threshold is
0.50V typical with 25mV hysteresis and the input
current is less than ±1µA. It is important to consider
the maximum current that will flow in the resistor
divider and maximum error due to UV and OV input
current. Set the resistor current to 100µA or higher
to maintain better than 1% accuracy for UV and OV
due to the bias current.
The three-resistor voltage divider configuration for
both UV and OV to monitor the same voltage node
is shown in Figure 20:
Ra
TH
I
OV
V
Ra
)
(
=
Set
value based on system allowable current
Ra
Ra
I
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
UV
V
OV
V
Ra
Rb
()
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
=
1
)
(
)
(
TH
UV
V
UV
V
Rb
Ra
Rc
Where:
)
(
TH
UV
V
: UV threshold voltage at Vin.
)
(
TH
OV
V
: OV threshold voltage at Vin.
)
(UV
V
: UV voltage set
Ra
I
:
current.
Ra
Figure 20:
UV & OV three-resistor divider
configuration
Alternatively,
a
two-resistor
voltage
divider
configuration can be used and is shown in Figure
21.
Figure 21
: UV & OV two-resistor divider
configuration
UV resistor voltage divider from the following
equations:
RUV
TH
UV
I
UV
V
R
)
(
1
=
Set
value based on system allowable current
UV
R1
A
I
RUV
μ
100
≥
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
)
(
)
(
1
2
TH
UV
UV
UV
V
UV
V
R
R
Where:
V(UVTH) : UV Threshold Voltage
RUV
I
:
current
UV
R1
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 15 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com