Electronic Components Datasheet Search
  English  ▼

X  

QPI-10 Datasheet(PDF) 3 Page - Vicor Corporation

Part # QPI-10
Description  AdvancedTCATM Hot-Swap SiP with VI Chip EMI Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-10 Datasheet(HTML) 3 Page - Vicor Corporation

  QPI-10 Datasheet HTML 1Page - Vicor Corporation QPI-10 Datasheet HTML 2Page - Vicor Corporation QPI-10 Datasheet HTML 3Page - Vicor Corporation QPI-10 Datasheet HTML 4Page - Vicor Corporation QPI-10 Datasheet HTML 5Page - Vicor Corporation QPI-10 Datasheet HTML 6Page - Vicor Corporation QPI-10 Datasheet HTML 7Page - Vicor Corporation QPI-10 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Picor Corporation • www.picorpower.com
QPI-10 Data Sheet Rev. 1.4 Page 3 of 8
Applications Information
The QPI-10 is an EMI filter especially designed for
V•I Chip products, providing conducted common-mode
and differential-mode attenuation from 150 kHz to 30
MHz. Designed for the telecom and ITE bus range, the
QPI supports the PICMG
® 3.0 specification for filtering
system boards using Vicor’s V•I Chip technology to the
EN55022 Class B limit.
The resulting plot in Figure 4 shows the QPI-10 is
effective in reducing the V•I Chip total noise spectrum
to well below the EN55022 Class B Quasi-peak
detection limit.
The plot in Figure 4 was taken using the standard
50 / 50 µH LISN and measurement conditions, with the
Peak detection mode of the spectrum analyzer, for a
conducted EMI test. The results are compared to the
CISPR22 EN55022 Class B Quasi-peak detection limit
showing the total noise spectrum for V•I Chip
combination using a P048K048T24 and V048K120T025
with a QPI-10 connected, as shown in Figure 3.
Figure 3 – Standard LISN test setup, 170 W load.
Figure 4 – Conducted EMI profile of V•I Chip with QPI-10.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com