Electronic Components Datasheet Search
  English  ▼

X  

QPI-11 Datasheet(PDF) 3 Page - Vicor Corporation

Part # QPI-11
Description  7 A V쨌I Chip EMI Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-11 Datasheet(HTML) 3 Page - Vicor Corporation

  QPI-11 Datasheet HTML 1Page - Vicor Corporation QPI-11 Datasheet HTML 2Page - Vicor Corporation QPI-11 Datasheet HTML 3Page - Vicor Corporation QPI-11 Datasheet HTML 4Page - Vicor Corporation QPI-11 Datasheet HTML 5Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Picor Corporation • www.picorpower.com
QPI-11 Data Sheet Rev. 1.6 Page 3 of 5
EMI Performance
Figure 4 – Total Noise: PRM (MP028F036M12AL) and VTM (MV036F120M010) with 9.6 A load, no QPI-11.
Figure 5 –Total Noise: PRM (MP028F036M12AL) and VTM (MV036F120M010) with 9.6 A load and QPI-11.
Figure 6 – Current vs. PCB temperature derating curve.
When laying out the QPI-11L, care must be taken such that the input and output signal polygons do not overlap each other on lower layers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com