Electronic Components Datasheet Search
  English  ▼

X  

QPI-12 Datasheet(PDF) 3 Page - Vicor Corporation

Part # QPI-12
Description  7 A V쨌I Chip EMI Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

QPI-12 Datasheet(HTML) 3 Page - Vicor Corporation

  QPI-12 Datasheet HTML 1Page - Vicor Corporation QPI-12 Datasheet HTML 2Page - Vicor Corporation QPI-12 Datasheet HTML 3Page - Vicor Corporation QPI-12 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Picor Corporation • www.picorpower.com
QPI-12 Data Sheet Rev. 1.8 Page 3 of 4
EMI Performance
Figure 4 – Total conducted noise of P048K048T24IF & V048K120T025 with QPI-12 connected as shown in Figure 2.
Output load = 170W: Cy1= Cy2= 4.7 nF & CBUS = 47 µF electrolytic in parallel with 2.2 µF ceramic.
Figure 5 –Total conducted noise of BCM (B048A120T20) with QPI-12.
Output load = 144 W. Same setup as in Figure 2, with the BCM replacing the VTM/PRM pair.
Figure 6 – Current vs. PCB temperature derating curve.
Figure 7 – Typical QPI-12L polygon layout.
When laying out the QPI-12L, care must be taken such that the input and output signal polygons do not overlap each other on lower layers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com