| Electronic Components Datasheet Search |
|
MAX9924 Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX9924 Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 23 page ![]() Differential Amplifier The input operational amplifier is a rail-to-rail input and output precision amplifier with CMOS input bias cur- rents, low offset voltage (VOS) and drift. A novel input architecture eliminates crossover distortion at the oper- ational amplifier inputs normally found in rail-to-rail input structures. These features enable reliable small-signal detection for VR sensors. The MAX9924/MAX9926 include on-chip precision- matched low-ppm resistors configured as a differential amplifier. High-quality matching and layout of these resistors produce extremely high DC and AC CMRR that is important to maintain noise immunity. The matched ppm-drift of the resistors guarantees perfor- mance across the entire -40°C to +125°C automotive temperature range. Bias Reference In Modes A1, B, and C, a well-decoupled external resistor-divider generates a VCC/2 signal for the BIAS input that is used to reference all internal electronics in the device. BIAS should be bypassed with a 0.1µF and 10µF capacitor in parallel with the lower half of the resistor-divider forming a lowpass filter to provide a sta- ble external BIAS reference. The minimum threshold, adaptive peak threshold, zero- crossing threshold signals are all referenced to this voltage. An input buffer eliminates loading of resistor- dividers due to differential amplifier operation. Connect BIAS to ground when operating in Mode A2. An internal (2.5V typical) reference is used in Mode A2, eliminating external components. Adaptive Peak Threshold Modes A1 and A2 in the MAX9924–MAX9927 use an internal adaptive peak threshold voltage to trigger the output comparator. This adaptive peak threshold volt- age scheme provides robust noise immunity to the input VR signal, preventing false triggers from occurring due to broken tooth or off-centered gear-tooth wheel. See Figure 1. The sensor signal at the output of the differential gain stage is used to generate a cycle-by-cycle adaptive peak threshold voltage. This threshold voltage is 1/3 of the peak of the previous cycle of the input VR signal. As the sensor signal peak voltage rises, the adaptive peak threshold voltage also increases by the same ratio. Conversely, decreasing peak voltage levels of the input VR signal causes the adaptive peak threshold voltage used to trigger the next cycle also to decrease to a new lower level. This threshold voltage then provides an arming level for the zero-crossing circuit of the com- parator (see the Zero Crossing section). If the input signal voltage remains lower than the adap- tive peak threshold for more than 85ms, an internal watchdog timer drops the threshold level to a default minimum threshold (VMIN_THRESH). This ensures pulse recognition recovers even in the presence of intermit- tent sensor connection. The internal adaptive peak threshold can be disabled and directly fed from the EXT input. This mode of opera- tion is called Mode B, and allows implementations of cus- tom threshold algorithms in firmware. This EXT voltage is typically generated by filtering a PWM-modulated output from an onboard microcontroller (µC). An external opera- tional amplifier can also be used to construct an active lowpass filter to filter the PWM-modulated EXT signal. Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold ______________________________________________________________________________________ 13 20ms V1 40ms 60ms COUT VR SIGNAL ADAPTIVE THRESHOLD SET BY V1 ADAPTIVE THRESHOLD SET BY V2 MIN THRESHOLD 80ms 100ms 120ms 140ms 160ms 85ms V1 1 3 V2 1/3 V2 180ms 200ms Figure 1. Adaptive Peak Threshold Operation |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |