Electronic Components Datasheet Search
  English  ▼

X  

MAX9939 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9939
Description  SPI Programmable-Gain Amplifier with Input VOS Trim and Output Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9939 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9939 Datasheet HTML 1Page - Maxim Integrated Products MAX9939 Datasheet HTML 2Page - Maxim Integrated Products MAX9939 Datasheet HTML 3Page - Maxim Integrated Products MAX9939 Datasheet HTML 4Page - Maxim Integrated Products MAX9939 Datasheet HTML 5Page - Maxim Integrated Products MAX9939 Datasheet HTML 6Page - Maxim Integrated Products MAX9939 Datasheet HTML 7Page - Maxim Integrated Products MAX9939 Datasheet HTML 8Page - Maxim Integrated Products MAX9939 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPI Programmable-Gain Amplifier
with Input VOS Trim and Output Op Amp
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
INB, OUTA, OUTB, SCLK, DIN,
CS............-0.3V to (VCC + 0.3V)
INA+, INA- to GND ..................................................-16V to +16V
Output Short-Circuit Current Duration........................Continuous
Continuous Input Current into Any Terminal.....................±20mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........707mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VGND = 0, VINA+ = VINA-, Gain = 10V/V, ROUTA = ROUTB = 1kΩ to VCC/2, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGA CHARACTERISTICS
Gain Error
GE
TA = +25
°C, 0.2V ≤ VOUTA ≤ VCC - 0.2V
0.05
0.38
%
Gain Temperature-Coefficient
Tc-GE
2.2
17
ppm/
°C
With no VOS trim, TA = +25
°C
1.5
9
Input Offset Voltage (Note 2)
VOS-A
With no VOS trim, TA = TMIN to TMAX
15
mV
Input Offset-Voltage Drift
10
µV/C
Input Offset-Voltage Trim Range
±17
mV
Input Common-Mode Range
VCM
Guaranteed by CMRR test (Note 3)
-VCC/2
VCC
- 2.2
V
-1V
≤ VCM ≤ VCC - 2.2
50
60
-VCC/2
≤ VCM ≤ VCC - 2.2, TA = +25°C50
60
Common-Mode Rejection Ratio
CMRR
-VCC/2
≤ VCM ≤ VCC - 2.2
39
dB
Output Short-Circuit current
ISC
70
mA
Input-Voltage Noise Density
VN
f = 10kHz, gain = 157V/V
54
nV
/√Hz
Gain = 0.2V/V
Gain = 1V/V
2.15
Gain-Bandwidth Product
GBW
Gain = 157V/V
279
MHz
Slew Rate
SR
9
V/µs
Settling Time
tS
To 1%, 2V output step
0.45
µs
Distortion
THD
f = 1kHz, VOUTA = 2.5VP-P
89
dB
Max Capacitive Load
CL(MAX)
1nF
Output Swing
VOH, VOL
Voltage output high = VCC - VOUTA,
voltage output low = VOUTA - VGND
25
60
mV
OUTPUT AMPLIFIER CHARACTERISTICS
Input Bias Current
Ib
(Note 4)
1
pA
TA = +25
°C
1.5
9
Input Offset Voltage (Note 2)
VOS-B
TA = TMIN to TMAX
15
mV
Output Short-Circuit Current
ISC
70
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com