Electronic Components Datasheet Search
  English  ▼

X  

MAX13331 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13331 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13331 Datasheet HTML 1Page - Maxim Integrated Products MAX13331 Datasheet HTML 2Page - Maxim Integrated Products MAX13331 Datasheet HTML 3Page - Maxim Integrated Products MAX13331 Datasheet HTML 4Page - Maxim Integrated Products MAX13331 Datasheet HTML 5Page - Maxim Integrated Products MAX13331 Datasheet HTML 6Page - Maxim Integrated Products MAX13331 Datasheet HTML 7Page - Maxim Integrated Products MAX13331 Datasheet HTML 8Page - Maxim Integrated Products MAX13331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VCPVDD = +5V, VSGND = VPGND = 0, SHDN = VDD, C1 = C2 = 1µF, RL =
∞, resistive load referenced to ground, for
MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30k
Ω, RFB = 45kΩ), TA = TJ = -40°C to +105°C, unless
otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.
VDD, CPVDD to SGND..............................................-0.3V to +6V
VSS, CPVSS to SGND ...............................................+0.3V to -6V
VDD, CPVDD..........................................................-0.3V to +0.3V
VSS, CPVSS ...........................................................-0.3V to +0.3V
SHDN, DIAG to SGND................................-0.3V to (VDD + 0.3V)
OUT_ to PGND.......................................(VCPVSS - 0.3V) to +45V
IN_ to SGND (MAX13330)................(VSS - 0.3V) to (VDD + 0.3V)
IN_ to SGND (MAX13331) ..........................-0.3V to (VDD + 0.3V)
C1P to PGND........................................-0.3V to (VCPVDD + 0.3V)
C1N to PGND..............................................(VSS - 0.3V) to +0.3V
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)) ......666.7mW
Junction-to-Case Thermal Resistance (
θJC) (Note 1)
θJC............................................................................... 37°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
θJA............................................................................. 120°C/W
Operating Temperature Range .........................-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Amplifier Supply Voltage Range
VDD
4.0
5.5
V
Charge-Pump Supply Voltage
Range
VCPVDD
4.0
5.5
V
Charge-Pump Output Voltage
VCPVSS
-VDD
V
Quiescent Supply Current
IDD
RL =
10
mA
Shutdown Supply Current
ISHDN
10
μA
SHDN Input-Logic High
VIH
2
V
SHDN Input-Logic Low
VIL
0.8
V
SHDN Input Leakage Current
-1
+1
μA
SHDN to Full Operation Time
tSON
100
μs
DIAGNOSTICS
No fault
0.02 x
VDD
OUTR short to
SGND
0.22 x
VDD
0.25 x
VDD
0.28 x
VDD
OUTL short to
SGND
0.47 x
VDD
0.50 x
VDD
0.53 x
VDD
OUTR short to
VBAT
0.72 x
VDD
0.75 x
VDD
0.78 x
VDD
Diagnostic Output Voltage
VDIAG
RDIAG = ,
TA = +25°C
OUTL short to
VBAT
0.97 x
VDD
V
Short-to-SGND Threshold
130
mA
Short-to-VBAT Threshold
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com