Electronic Components Datasheet Search
  English  ▼

X  

MAX16004 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16004
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16004 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16004 Datasheet HTML 1Page - Maxim Integrated Products MAX16004 Datasheet HTML 2Page - Maxim Integrated Products MAX16004 Datasheet HTML 3Page - Maxim Integrated Products MAX16004 Datasheet HTML 4Page - Maxim Integrated Products MAX16004 Datasheet HTML 5Page - Maxim Integrated Products MAX16004 Datasheet HTML 6Page - Maxim Integrated Products MAX16004 Datasheet HTML 7Page - Maxim Integrated Products MAX16004 Datasheet HTML 8Page - Maxim Integrated Products MAX16004 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.0V to 5.5V, TA = -40°C to +125°C, unless otherwise specified. Typical values are at VCC = 3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT_, IN_, RESET, WDO to GND....................-0.3V to +6V
TOL, MARGIN, MR, SRT, WDI, to GND ..........-0.3V to VCC + 0.3
Input/Output Current (RESET, MARGIN,
SRT, MR, TOL, OUT_, WDO, WDI) ..............................±20mA
Continuous Power Dissipation (TA = +70°C)
12-Pin TQFN (derate 16.9mW/°C above +70°C) ........1349mW
16-Pin TQFN (derate 16.9mW/°C above +70°C) ........1349mW
20-Pin TQFN (derate 16.9mW/°C above +70°C) ........1355mW
24-Pin TQFN (derate 16.9mW/°C above +70°C) ........1666mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ..........754mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
(Note 2)
1.0
5.5
V
VCC = 3.3V, OUT_, RESET not asserted
(Note 3)
45
65
Supply Current
ICC
VCC = 5V, OUT_, RESET not asserted
50
70
µA
UVLO (Undervoltage Lockout)
VUVLO
VCC rising
1.62
1.8
1.98
V
IN_ (See Table 1)
5V threshold, TOL = GND
4.50
4.625
4.75
5V threshold, TOL = VCC
4.25
4.375
4.50
3.3V threshold, TOL = GND
2.970
3.053
3.135
3.3V threshold, TOL = VCC
2.805
2.888
2.970
3.0V threshold, TOL = GND
2.70
2.775
2.85
3.0V threshold, TOL = VCC
2.55
2.625
2.70
2.5V threshold, TOL = GND
2.250
2.313
2.375
2.5V threshold, TOL = VCC
2.125
2.188
2.250
1.8V threshold, TOL = GND
1.62
1.665
1.71
1.8V threshold, TOL = VCC
1.53
1.575
1.62
1.5V threshold, TOL = GND
1.350
1.388
1.425
1.5V threshold, TOL = VCC
1.275
1.313
1.350
1.2V threshold, TOL = GND
1.08
1.11
1.14
1.2V threshold, TOL = VCC
1.02
1.05
1.08
0.9V threshold, TOL = GND
0.810
0.833
0.855
Threshold Voltages (IN_ Falling)
VTH
0.9V threshold, TOL = VCC
0.765
0.788
0.810
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com