Electronic Components Datasheet Search
  English  ▼

X  

EPR1052G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1052G
Description  T1/E1/CEPT/ISDN-PRI Interface Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1052G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1052G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/E1/CEPT/ISDN-PRI
Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Leading Transceiver I.C.’s
• Meets or exceeds UL1459 & IEC950 Standards
• For Extended Temperature (-40°C to +85°C) add “E” to part number
• Add “-RC” after part number for RoHS Compliant
• 2000 Vrms Isolation
EPR1051G to EPR1062G
EPR1051G-RC to EPR1062G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1051G-CSR1062G&-RC
Rev. 3
3/6/06 JDG
Electrical Parameters @ 25° C
Schematics
Package
.010/.015
(.254/.381)
.018/.022
(.457/.559)
.035
(.889)
0°-8°
.008/.012
(.203/.305)
.030
(.762)
.085
(2.16)
.670
(17.02)
PCA
EPR10XXG(-RC)
D.C.
Pin 1
I.D.
.500
(12.70)
.085
(2.16)
.440
(11.18)
.330
(8.39)
.100
(2.54)
.550
(13.97)
Pad
Layout
.100
(2.54)
.610
(15.50)
E
1
2
3
12
11
6
5
8
7
10
A
1
2
3
5
4
12
10 9
8
7
6
11
B
1
2
3
6
4
12
10
9
8
7
C
1
2
3
5
4
12
10
9
8
6
7
D
1
2
3
5
4
12
10
9
7
6
LI
(µH Max.)
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.8 / 0.8
0.7 / 0.7
Pri. DCR
(
Ω Max.)
1.0 / 1.0
1.0 / 1.0
1.0 / 1.0
1.0 / 1.0
1.2 / 1.2
1.2 / 1.2
1.0 / 1.0
1.0 / 1.0
1.0 / 1.0
1.0 / 1.0
1.2 / 1.2
0.25 / 0.5
OCL
(mH Min.)
1.2 / 1.2
1.2 / 1.2
1.2 / 1.2
1.2 / 1.2
1.6 / 1.6
1.2 / 1.2
1.2 / 1.2
1.2 / 1.2
1.5 / 1.2
1.5 / 1.5
1.2 / 1.2
0.7 / 0.7
Part
Number
EPR1051G(-RC)
EPR1052G(-RC)
EPR1053G(-RC)
EPR1054G(-RC)
EPR1055G(-RC)
EPR1056G(-RC)
EPR1057G(-RC)
EPR1058G(-RC)
EPR1059G(-RC)
EPR1060G(-RC)
EPR1061G(-RC)
EPR1062G(-RC)
1.7 / 1.7
1.0 / 1.0
1.4 / 1.4
1.0 / 1.8
1.4 / 1.2
1.4 / 1.4
1.4 / 1.4
1.2 / 1.2
1.7 / 2.0
1.2 / 1.2
2.0 / 1.2
0.4 / 0.8
Sec. DCR
(
Ω Max.)
A
A
A
A
A
A
A
B
C
D
E
D
Schematic
Primary
Pins
12,10 / 4,6
1,3 / 4,6
1,3 / 4,6
1,3 / 4,6
12,10 / 4,6
1,3 / 4,6
12,10 /9,7
12,10 / 4,6
12,10 / 4,6
12,10 / 9,7
1,3 / 5,6
1,3 / 9,7
50 / 50
50 / 50
50 / 50
50 / 50
50 / 50
60 / 60
50 / 50
50 / 60
50 / 60
50 / 50
50 / 50
20 / 20
Cw/w
(pF Max.)
Turns
Ratio
1CT:2CT/1CT:2CT
1CT1CT/1CT:1CT
1CT:1.15CT/1CT:1.15CT
1CT:1CT/1CT:2CT
1CT:1.15CT/1CT:1CT
1CT:1.36CT/1CT:1.36CT
1CT:1.41CT/1CT:1.41CT
1:1/1.26/1:2CT
1:1.15CT/1CT:2CT
1:1/1.26/1:1/1.26
1CT:2CT/1:1
1CT:1/1:1.36CT
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPR10XXG-RC
Matte Tin
260°C
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPR10XXG-RCTR)
EPR10XXG
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
TBD grams
TBD pieces/tube
TBD pieces/13” reel
(*EPR10XXG-TR)
SnPb


Similar Part No. - EPR1052G

ManufacturerPart #DatasheetDescription
logo
ETAL Group
EPR10 ETAL-EPR10 Datasheet
354Kb / 4P
Power Relay
EPR10-N-100A ETAL-EPR10-N-100A Datasheet
354Kb / 4P
Power Relay
EPR10-N-200A ETAL-EPR10-N-200A Datasheet
354Kb / 4P
Power Relay
logo
E-T-A Elektrotechnische...
EPR10-N0F1G1-HSS0D2-100A E-T-A-EPR10-N0F1G1-HSS0D2-100A Datasheet
437Kb / 3P
Power Relay EPR10
EPR10-N0F1G1-HSS0D2-125A E-T-A-EPR10-N0F1G1-HSS0D2-125A Datasheet
437Kb / 3P
Power Relay EPR10
More results

Similar Description - EPR1052G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1001 PCA-EPR1001 Datasheet
125Kb / 1P
T1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
logo
Bothhand USA, LP.
S1076 BOTHHAND-S1076 Datasheet
92Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Pulse A Technitrol Comp...
T1231NLT PULSE-T1231NLT Datasheet
601Kb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1108NLT PULSE-T1108NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
T1068NLT PULSE-T1068NLT Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1314NL PULSE-TX1314NL Datasheet
413Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT Transformers
T1064NL PULSE-T1064NL Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
TX1281 PULSE-TX1281 Datasheet
507Kb / 1P
T1/E1/CEPT/ISDN-PRI SMT TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com